Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF102S Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF102S
Description  Precision VOLTAGE REFERENCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF102S Datasheet(HTML) 7 Page - Burr-Brown (TI)

  REF102S Datasheet HTML 1Page - Burr-Brown (TI) REF102S Datasheet HTML 2Page - Burr-Brown (TI) REF102S Datasheet HTML 3Page - Burr-Brown (TI) REF102S Datasheet HTML 4Page - Burr-Brown (TI) REF102S Datasheet HTML 5Page - Burr-Brown (TI) REF102S Datasheet HTML 6Page - Burr-Brown (TI) REF102S Datasheet HTML 7Page - Burr-Brown (TI) REF102S Datasheet HTML 8Page - Burr-Brown (TI) REF102S Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
REF102
®
7
FIGURE 4. REF102 Optional Output Voltage Fine Adjust.
Higher resolution, reduced range (typically
±25mV).
APPLICATIONS INFORMATION
High accuracy, extremely low drift, outstanding stability,
and low cost make the REF102 an ideal choice for all
instrumentation and system reference applications. Figures 6
through 14 show a variety of useful application circuits.
FIGURE 6. –10V Reference Using a) Resistor or b) OPA27.
See AB-004 for more detail
1.4mA < (5V –I
L ) < 5.4mA
R
S
OPTIONAL NOISE REDUCTION
The high-frequency noise of the REF102 is dominated by
the zener diode noise. This noise can be greatly reduced by
connecting a capacitor between the Noise Reduction pin and
ground. The capacitor forms a low pass filter with R6 (refer
to the figure on the first page of the data sheet) and attenu-
ates the high-frequency noise generated by the zener. Figure
5 shows the effect of a 1
µF noise reduction capacitor on the
high frequency noise of the REF102. R6 is typically 7kΩ so
the filter has a –3dB frequency of about 22Hz. The result is
a reduction in noise from about 800
µVp-p to under 200µ
Vp-p. If further noise reduction is required, use the circuit in
Figure 14.
FIGURE 5. Effect of 1
µF Noise Reduction Capacitor on
Broadband Noise (f–3dB = 1MHz).
CN = 1µF
NO CN
6
b) Precision –10V Reference.
a) Resister Biased –10V Reference
R
S
I
L
4
REF102
2
–10V Out
V+ (1.4V to 26V)
2
6
4
10V
OPA27
R
1
2k
C
1000pF
1
–10V Out
–15V
REF102
V+ (1.4V to 26V)
REF102
V+
2
4
20k
Output
Voltage
Adjust
+10V
5
V
TRIM
6
V
OUT
R
S
1M
1µF
Tantalum
+


Similar Part No. - REF102S

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF102SM BURR-BROWN-REF102SM Datasheet
367Kb / 15P
   10V Precision Voltage Reference
logo
Texas Instruments
REF102SM TI-REF102SM Datasheet
973Kb / 20P
[Old version datasheet]   10V Precision Voltage Reference
More results

Similar Description - REF102S

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
   Precision Voltage Reference
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
   Precision Voltage Reference
logo
Cirrus Logic
VRE302 CIRRUS-VRE302_1 Datasheet
708Kb / 5P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com