Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ18C Datasheet(PDF) 6 Page - Socay Electornics Co., Ltd.

Part # SMBJ18C
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMBJ18C Datasheet(HTML) 6 Page - Socay Electornics Co., Ltd.

  SMBJ18C Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMBJ18C Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMBJ18C Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMBJ18C Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMBJ18C Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMBJ18C Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMBJ18C Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision September 25, 2013
6 / 7
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMBJ Series
5.0 To 440 V
600W
SOCAY Electronics Co., Ltd.
www.socay.com
Inches
Millimeters
Dimensions
Min
Max
Min
Max
A
0.077
0.087
1.960
2.200
B
0.171
0.191
4.350
4.850
C
0.130
0.155
3.300
3.940
D
0.084
0.096
2.130
2.440
E
0.030
0.060
0.750
1.520
F
-
0.008
-
0.203
G
0.201
0.216
5.100
5.500
H
0.006
0.012
0.152
0.305
I
0.089
-
2.260
-
J
0.085
-
2.160
-
K
-
0.107
-
2.740
L
0.085
-
2.160
-
S MBJ
××× C A
5% VBR VOLTAGE TOLERANCE
BI-DIRECTIONAL
VR VOLTAGE
SERIES
Dimensions
Part Numbering
Part Marking
DO-214AA (SMB)
Cathode Band
Socay Logo
Marking Code
Cathode Band


Similar Part No. - SMBJ18C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ18C BYTES-SMBJ18C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
SMBJ18C SEMITECH-SMBJ18C Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
EIC discrete Semiconduc...
SMBJ18C EIC-SMBJ18C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ18C SOCAY-SMBJ18C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ18C MCC-SMBJ18C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ18C

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com