Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT136-600 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # BT136-600
Description  4 Quadrants Sensitive TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

BT136-600 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  BT136-600_13 Datasheet HTML 1Page - SemiHow Co.,Ltd. BT136-600_13 Datasheet HTML 2Page - SemiHow Co.,Ltd. BT136-600_13 Datasheet HTML 3Page - SemiHow Co.,Ltd. BT136-600_13 Datasheet HTML 4Page - SemiHow Co.,Ltd. BT136-600_13 Datasheet HTML 5Page - SemiHow Co.,Ltd. BT136-600_13 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
◎ SEMIHOW REV.A1,March 2013
T2
T1
G
FEATURES
 Repetitive Peak Off-State Voltage : 600V
 R.M.S On–State Current (I
T(RMS) = 4A)
 Sensitive Gate Trigger Current
- 5[mA] of IGT at I, II and III Quadrants.
- 12[mA] of IGT at IV Quadrant.
Applications
Heating control, Lighting control, Motor control such like dimmer,
sensor light, Humidifier, etc.
General Description
Semihow’s sensitive TRIAC product is a glass passivated device,
has a low gate trigger current, high stability in gate trigger current to
variation of operating temperature and high off state voltage. It is
generally suitable for power and phase control in ac application.
BT136-600
4 Quadrants Sensitive TRIAC
V
DRM = 600 V
I
T(RMS) = 4 A
I
TSM = 33 A
I
GT = 5mA/12mA
Symbol
Absolute Maximum Ratings
(T
J=25℃ unless otherwise specified )
Symbol
Parameter
Conditions
Ratings
Unit
V
DRM
Repetitive Peak Off-State Voltage
Sine wave, 50/60Hz, Gate open
600
V
V
RRM
Repetitive Peak Reverse Voltage
600
V
I
T(AV)
Average On-State Current
Full sine wave, T
C = 109.5
oC
3.6
A
I
T(RMS)
R.M.S. On-State Current
4
A
I
TSM
Surge On-State Current
½ cycle, 50Hz/60Hz, Sine wave,
Non repetitive
30/33
A
I2t
Fusing Current
t = 10ms
4.5
A2S
P
GM
Forward Peak Gate Power
Dissipation
T
J = 125 °C
2
W
P
G(AV)
Forward Average Gate Power
Dissipation
T
J = 125 °C, over any 20ms
0.2
W
I
FGM
Forward Peak Gate Current
T
J = 125 °C, pulse width ≤ 20us
1
A
V
RGM
Reverse Peak Gate Voltage
T
J = 125 °C, pulse width ≤ 20us
6
V
T
J
Operating Junction Temperature
-40~+125
oC
T
STG
Storage Temperature
-40~+150
oC
TO-220


Similar Part No. - BT136-600_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT136-600-127 ETC2-BT136-600-127 Datasheet
44Kb / 6P
   Thermal resistance junction to mounting base Thermal resistance junction to ambient
More results

Similar Description - BT136-600_13

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTB1A80 SEMIHOW-HTB1A80 Datasheet
423Kb / 6P
   4 Quadrants Sensitive TRIAC
HTC4A60S SEMIHOW-HTC4A60S Datasheet
551Kb / 6P
   4 Quadrants Sensitive TRIAC
HTP4A60S SEMIHOW-HTP4A60S Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTB1A60 SEMIHOW-HTB1A60 Datasheet
423Kb / 6P
   4 Quadrants Sensitive TRIAC
BT136-600 SEMIHOW-BT136-600 Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTK1A60 SEMIHOW-HTK1A60 Datasheet
423Kb / 5P
   4 Quadrants Sensitive TRIAC
logo
Guangdong Kexin Industr...
KTA1A60 KEXIN-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIAC
logo
Tiger Electronic Co.,Lt...
Z0107MN TGS-Z0107MN Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIAC
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com