Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHC605 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SHC605
Description  High-Speed Operational TRACK-AND-HOLD AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SHC605 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button SHC605 Datasheet HTML 6Page - Burr-Brown (TI) SHC605 Datasheet HTML 7Page - Burr-Brown (TI) SHC605 Datasheet HTML 8Page - Burr-Brown (TI) SHC605 Datasheet HTML 9Page - Burr-Brown (TI) SHC605 Datasheet HTML 10Page - Burr-Brown (TI) SHC605 Datasheet HTML 11Page - Burr-Brown (TI) SHC605 Datasheet HTML 12Page - Burr-Brown (TI) SHC605 Datasheet HTML 13Page - Burr-Brown (TI) SHC605 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
®
SHC605
DISCUSSION OF
PERFORMANCE
DISTORTION
Hold-mode distortion is an important specification for a
track-and-hold amplifier. This is a measure of the accuracy
of the amplifier’s held output while sampling a sinusoidal
input signal. It includes errors from both the switching
network and the amplifier’s signal path. Hold-mode distor-
tion depends on the input signal’s amplitude and frequency
as well as the sampling rate. The biggest cause of distortion
in the SHC605 is slew-induced nonlinearity; the higher the
amplitude of a high frequency input, the higher the distor-
tion. Hold-mode distortion can also result from sampling too
fast or not allowing enough acquisition time or track-to-hold
settling time. The SHC605 has a typical 0.01% acquisition
time of 30ns for a 2V step, and a typical 100
µV track-to-
hold settling time of 15ns. Thus, for 12-bit accuracy the
clock rate should not exceed 22MHz (refer to Typical
Performance Curves for details).
NOISE
The SHC605’s noise performance is almost completely
determined by track-mode noise. This is the noise sampled
by the differential hold capacitors during track-mode, which
is greater than the noise measured directly at the output. The
input referred noise of the SHC605 is 2.5nV/
√Hz. For unity-
gain this corresponds to an output noise of approximately
35
µVrms; which is much lower than the typical 150µVrms
noise sampled by the hold capacitors. The track-mode noise
sampled by the hold capacitors is independent of closed-
loop gain, and therefore, the SHC605 can be used with
higher closed-loop gain without degrading the overall noise
performance.
The SHC605’s noise performance is also affected by hold-
mode noise and aperture jitter. Hold-mode noise is the result
of current noise reacting with the hold capacitors. This noise
accumulates on the capacitors at a rate which is proportional
to the square root of the hold time. For sample rates above
1MHz this noise is usually insignificant. Aperture jitter
describes the random variation in track-to-hold aperture
delay, and causes increased hold-mode noise when high
slew rate signals are sampled. A differential ECL clock input
will provide lower aperture jitter than a single-ended ECL or
TTL clock.
CHOOSING THE BEST ARCHITECTURE
The SHC605 is basically a high-speed operational amplifier
which can hold its output on command. Unlike traditional
high-speed track-and-hold amplifiers, which have fixed gains
of +1V/V, the SHC605 can be used with non-inverting,
inverting, or differential gains. In many applications, a
single SHC605 can be used to solve a problem that previ-
ously required two or more devices.
Figures 3 through 6 show the SHC605 connected for non-
inverting, inverting, and differential gains. As with any op
amp, it is important to consider performance tradeoffs for all
of these configurations. For gains less than
±10, the SHC605’s
track-to-hold settling, pedestal offset, droop, and total hold-
mode noise remains constant. However, small-signal band-
width and acquisition time will be compromised as the
closed-loop gain is increased (refer to the Typical Perfor-
mance Curves for details).
FIGURE 3. Gain of +1 Track-and-Hold Amplifier.
FIGURE 4. Gain of +2 Track-and-Hold Amplifier.
+In
+V
S
+V
S
DGND
AGND
AGND
AGND
–In
–V
S
–V
S
Lock
Lock
Hold
Hold
Select
V
OUT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1µF
.01µF
.01µF
1µF
–5V
+5V
V
IN
NC
Hold
+5V = TTL
–5V = ECL
V
OUT
50
+In
+V
S
+V
S
DGND
AGND
AGND
AGND
–In
–V
S
–V
S
Lock
Lock
Hold
Hold
Select
V
OUT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1µF
.01µF
.01µF
1µF
–5V
+5V
V
IN
NC
Hold
+5V = TTL
–5V = ECL
V
OUT
249
249
R
1
R
2
V
IN
V
OUT
R
1
R
2
= 1 +


Similar Part No. - SHC605

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SHC600BH BURR-BROWN-SHC600BH Datasheet
136Kb / 4P
   Ultra-High Speed SAMPLE/HOLD AMPLIFIER
SHC600BHQ BURR-BROWN-SHC600BHQ Datasheet
136Kb / 4P
   Ultra-High Speed SAMPLE/HOLD AMPLIFIER
More results

Similar Description - SHC605

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN374 ETC1-MN374 Datasheet
472Kb / 5P
   HIGH-SPEED HIGH-RESOLUTION TRACK-HOLD AMPLIFIER
logo
Analog Devices
AD389 AD-AD389_15 Datasheet
3Mb / 6P
   HIGH RESOLUTION TRACK AND HOLD AMPLIFIER
AD389 AD-AD389 Datasheet
2Mb / 6P
   HIGH RESOLUTION TRACK-AND-HOLD AMPLIFIER
logo
API Technologies Corp
MN346 APITECH-MN346 Datasheet
818Kb / 4P
   High Speed Track-hold Amplifiers
logo
Integrated Circuit Syst...
MN346 ICST-MN346 Datasheet
813Kb / 4P
   High Speed Track-hold Amplifiers
logo
Analog Devices
AD9100 AD-AD9100 Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
HTS-0010 AD-HTS-0010_15 Datasheet
744Kb / 6P
   Ultra High Speed Hybrid Track and Hold Ampligiers
AD9100 AD-AD9100_15 Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
HTS-0025 AD-HTS-0025 Datasheet
1Mb / 6P
   Ultra High Speed Hybird Track-and Hold Amplifiers
HTS-0025 AD-HTS-0025_15 Datasheet
1Mb / 6P
   Ultra High Speed Hybrid Track and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com