Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC100 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VFC100
Description  Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VFC100 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  VFC100 Datasheet HTML 1Page - Burr-Brown (TI) VFC100 Datasheet HTML 2Page - Burr-Brown (TI) VFC100 Datasheet HTML 3Page - Burr-Brown (TI) VFC100 Datasheet HTML 4Page - Burr-Brown (TI) VFC100 Datasheet HTML 5Page - Burr-Brown (TI) VFC100 Datasheet HTML 6Page - Burr-Brown (TI) VFC100 Datasheet HTML 7Page - Burr-Brown (TI) VFC100 Datasheet HTML 8Page - Burr-Brown (TI) VFC100 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
®
VFC100
2
SPECIFICATIONS
At TA = +25°C and ±15VDC supplies, unless otherwise noted.
VFC100AG
VFC100BG
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TRANSFER FUNCTION
Voltage-to-Frequency Mode
fOUT = fCLOCK x (VIN/20V)
Gain Error(1)
FSR = 100kHz
±0.5
±1
±0.2
±0.5
% of FSR(4)
Linearity Error
FSR = 100kHz, Over Temperature
±0.01
±0.025
T
±0.02
% of FSR
FSR = 500kHz, COS = 60pF
±0.015
T
±0.05
% of FSR
FSR = 1MHz, COS = 60pF
±0.025
T
±0.1
% of FSR
Gain Drift(2)
FSR = 100kHz
±70
±100
±30
±50
ppm of FSR/
°C
Referred to Internal VREF
±70
±100
±30
±50
ppm of FSR/
°C
Offset Referred to Input
±1
±3
±1
±2mV
Offset Drift
±12
±100
±6.5
±25
µV/°C
Power Supply Rejection
Full Supply Range
0.01
T
%/V
Response Time
To Step Input Change
One Period of New Output Frequency Plus One Clock Period
Current-to-Frequency Mode
fOUT = fCLOCK x (IIN/1mA)
Gain Error
±0.5
±1
±0.2
±0.5
% of FSR
Gain Drift(2)
±120
±200
±80
±140
ppm of FSR/
°C
Frequency-to-Voltage Mode(3)
VOUT = 20V x (fIN/fCLOCK)
Gain Accuracy(1)
FSR = 100kHz
±0.5
±1
±0.2
±0.5
%
Linearity
FSR = 100kHz
±0.01
±0.025
T
±0.02
%
Input Resistor (RIN)
Resistance
19.8
20
20.2
TT
T
k
Temperature Coefficient (TC)(2)
±50
±100
TT
ppm
°C
INTEGRATOR OP AMP
VOS(1)
±150
±1000
TT
µV
VOS Drift
±5
T
µV/°C
IB
±50
±100
±25
±50
nA
IOS
100
200
50
100
nA
AOL
ZLOAD = 5kΩ/10,000pF
100
120
TT
dB
CMRR
80
105
TT
dBV
CM Range
–7.5
+0.1
TT
V
VOUT Range
ZLOAD = 5kΩ/10,000pF
–0.2
+12
TT
V
Bandwidth
14
T
MHz
COMPARATOR INPUTS
Input Current (Operating)
–11V < VCOMPARATOR < +VCC – 2V
5
T
µA
CLOCK INPUT
(Referred to Digital Common)
Frequency (Maximum Operating)
4
T
MHz
Threshold Voltage
1.4
T
V
Over Temperature
0.8
2
TT
V
Voltage Range (Operating)
–VCC + 2V
+VCC
TT
V
Input Current
–VCC < VCLOCK < +VCC
0.5
5
TT
µA
Rise Time
2
T
µs
OPEN COLLECTOR OUTPUT
(Referred to Digital Common)
VOL
IOUT = 10mA
0.4
T
V
IOL
15
T
mA
IOH (Off Leakage)
VOH = 30V
0.01
10
TT
µA
Delay Time, Positive Clock
Edge to Output Pulse
300
T
ns
Fall Time
100
T
ns
Output Capacitance
5
T
pF
OUTPUT ONE-SHOT
Active(6)
Pulse Width Out
COS = 300pF
1
1.4
2
TT
T
µs
Deactivated(5)
Pulse Width Out
100kHz
≤ FSR < 1MHz
1
T
sec
4 fCLOCK
Pulse Width Out
FSR = 1MHz
250
450
500
TT
T
ns
REFERENCE VOLTAGE
Accuracy
No Load
4.9
5
5.1
4.95
T
5.05
V
Drift(2)
±60
±150
±40
±100
ppm/
°C
Current Output
Sourcing Capability
10
T
mA
Power Supply Rejection
0.015
0.015
%/V
Output Impedance
0.5
2
TT


Similar Part No. - VFC100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VFC100 TI1-VFC100 Datasheet
147Kb / 16P
[Old version datasheet]   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
VFC100BG1 TI1-VFC100BG1 Datasheet
147Kb / 16P
[Old version datasheet]   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
VFC100 TI1-VFC100_00 Datasheet
147Kb / 16P
[Old version datasheet]   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - VFC100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VFC100 TI1-VFC100_00 Datasheet
147Kb / 16P
[Old version datasheet]   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Burr-Brown (TI)
VFC101 BURR-BROWN-VFC101 Datasheet
136Kb / 10P
   Synchronized VOLTAGE-TO-FREQUENCY CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com