Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR1212DCBX5Z01A Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # CAR1212DCBX5Z01A
Description  -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1212DCBX5Z01A Datasheet(HTML) 3 Page - Lineage Power Corporation

  CAR1212DCBX5Z01A Datasheet HTML 1Page - Lineage Power Corporation CAR1212DCBX5Z01A Datasheet HTML 2Page - Lineage Power Corporation CAR1212DCBX5Z01A Datasheet HTML 3Page - Lineage Power Corporation CAR1212DCBX5Z01A Datasheet HTML 4Page - Lineage Power Corporation CAR1212DCBX5Z01A Datasheet HTML 5Page - Lineage Power Corporation CAR1212DCBX5Z01A Datasheet HTML 6Page - Lineage Power Corporation CAR1212DCBX5Z01A Datasheet HTML 7Page - Lineage Power Corporation CAR1212DCBX5Z01A Datasheet HTML 8Page - Lineage Power Corporation CAR1212DCBX5Z01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
GE
Data Sheet
CAR1212DC series DC-DC converter
Input: -36VD C to -75VDC; Output: 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
October 21, 2013
©2013 General Electric Company. All rights reserved.
Page 3
12VDC MAIN OUTPUT (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Turn-ON overshoot
V
OUT
3
%
Turn-ON delay
T
2
sec
Remote ON/OFF delay time
40
ms
Turn-ON rise time (10 – 90% of VOUT)
60
ms
Transient response 50% step [10%-60%, 50% - 100%]
(dI/dt – 1A/µs, recovery 300µs)
VOUT
-5
+5
%
Programmable range (hardware3 & software)
10.8
13.2
VDC
Overvoltage protection, latched
(recovery by cycling OFF/ON via hardware or software)
14.5
15.5
VDC
Output current
VOUT= 12VDC
IOUT
0
100
ADC
Current limit, Hiccup
Short circuit protection with auto recovery
IOUT
110
130
ADC
Active current share
IOUT
-5
+5
% of FL
3.3VDC (5VDC) STANDBY OUTPUT
Parameter
Symbol
Min
Typ
Max
Unit
Set point (optional 5Vstb)
VOUT
3.2
3.3
3.4
VDC
Overall regulation (load, temperature, aging)
VOUT
-5
+5
%
Ripple and noise
50
664
mVp-p
Output current
IOUT
0
1
ADC
General Specifications
Parameter
Min
Typ
Max
Units
Notes
Reliability, 25C, full load
250,000
Hrs
MTBF per SR232 Reliability protection for electronic
equipment, method I, case III,
Service Life
10
Yrs
Full load, excluding fans
Weight
1.45 (3.2)
Kgs (Lbs)
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See Feature
Descriptions for additional information.
Parameter
Symbol
Min
Typ
Max
Unit
Remote ON/OFF (Pulled HI internally within the module ≈ 40kΩ to 5VDC)
Logic High (Module ON) – either N/C or apply V > 3VDC
IIH
20
µA
VIH
0.7VDD
12
VDC
Logic Low (Module OFF)
IIL
1
mA
VIL
0
0.8
VDC
3
Setpoint can be voltage programmable or programmed by a resistor divider. An internal 20kΩ from Vprog to 3.3Vdc is provided. Add a resistor to
complete the divider from Vprog to output_return.
4
Measured at the output with 0.1µf ceramic and a 10µf tantalum capacitor in parallel. 20mHz bandwidth limitation.


Similar Part No. - CAR1212DCBX5Z01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR1212DC LINEAGEPOWER-CAR1212DC Datasheet
895Kb / 2P
   1200 Watt, 12V DC Input Front End
CAR1212DC5-1A LINEAGEPOWER-CAR1212DC5-1A Datasheet
895Kb / 2P
   1200 Watt, 12V DC Input Front End
CAR1212DC5Y0-1A LINEAGEPOWER-CAR1212DC5Y0-1A Datasheet
895Kb / 2P
   1200 Watt, 12V DC Input Front End
CAR1212DC5Z0-1A LINEAGEPOWER-CAR1212DC5Z0-1A Datasheet
895Kb / 2P
   1200 Watt, 12V DC Input Front End
More results

Similar Description - CAR1212DCBX5Z01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com