Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR2024FPBZ01A Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # CAR2024FPBZ01A
Description  Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2024FPBZ01A Datasheet(HTML) 7 Page - Lineage Power Corporation

  CAR2024FPBZ01A Datasheet HTML 1Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 2Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 7Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
GE Energy
CAR2024FP series rectifier
Input: 90Vac to 264Vac; Output: 24Vdc @ 83A; 3.3Vdc or 5 Vdc @ 1A
Contact Us
For more information, call us at
USA/Canada:
+1 888 546 3243, or +1 972 244 9288
Asia-Pacific:
+86.021.54279977*808
Europe, Middle-East and Africa:
+49.89.878067-280
India:
+91.80.28411633
www.ge.com/powerelectronics
March 28, 2013
©2012 General Electric Company. All rights reserved.
Page 7
Connector Pin Assignments
Mating Connector:
Molex P/N 87663-4002 or equivalent
Mating connector: Molex P/N 87664-2001
Pin
Function
Pin
Function
Pin
Function
Pin
Function
A1
Vstb [3.3V]
B1
Fault
C1
ISHARE
D1
VProg
A2
PS Present
B2
I Monitor (IMON)
C2
N/C
D2
OVP Test Point
A3
Signal Return
B3
Enable: “0” –ON “1” -OFF
C3
Over Temp Warning
D3
Remote ON/OFF
A4
Write Protect (WP)
B4
Vstb Return
C4
I2C Address (A0)
D4
DC OK
A5
Remote Sense (+)
B5
SDA (I2C bus)
C5
I2C Address (A1)
D5
AC OK
A6
Remote Sense (-)
B6
SCL (I2C bus)
C6
I2C Address (A2)
D6
SMBAlert
P1
Line
P2
Neutral
P3
Frame
P4 – P6
+24Vdc
P7 – P9
Return
Ordering Information
Please contact your GE Energy Sales Representative for pricing, availability and optional features.
PRODUCT
DESCRIPTION
PART NUMBER
2000W Front-End
+24Vout Front-End, 3.3Vaux, with face plate and PMBus interface
CAR2024FPB-Z01A


Similar Part No. - CAR2024FPBZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2024FPBZ0-1A LINEAGEPOWER-CAR2024FPBZ0-1A Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
More results

Similar Description - CAR2024FPBZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FP LINEAGEPOWER-CAR1248FP_14 Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2012TE LINEAGEPOWER-CAR2012TE Datasheet
444Kb / 20P
   Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP150G HITRON-HEMP150G Datasheet
54Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com