Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR2512TEBXXZ01A Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # CAR2512TEBXXZ01A
Description  90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2512TEBXXZ01A Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button CAR2512TEBXXZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 7Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 8Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 9Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 10Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 11Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 12Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
GE
Preliminary Data Sheet
CAR2512TE Front-End
Input: 90VAC to 264VAC; Output: 12 VDC @ 2500W; 3.3/5VDC standby @ 15W
February 7, 2014
©2013 General Electric Company. All rights reserved.
Page 9
SMBAlert#: The µC driven SMBAlert# signal informs the
‘master/host’ controller that either a STATE or ALARM change
has occurred. Normally this signal is HI. The signal will change
to its LO level if the power supply has changed states and the
signal will be latched LO until the power supply receives a
‘clear’ instruction as outlined below. If the alarm state is still
present after the ‘clear_faults’ command has been received,
then the signal will revert back into its LO state again and will
latch until a subsequent ‘clear_faults’ signal is received from
the host controller.
The signal will be triggered for any state change, including the
following conditions;
VIN under or over voltage
Vout under or over voltage
IOUT over current
Over Temperature warning or fault
Fan Failure
Communication error
PEC error
Invalid command
Detected internal faults
The power supply will clear the SMBusAlert# signal (release the
signal to its HI state) upon the following events:
Receiving a CLEAR_FAULTS command
The main output recycled (turned OFF and then ON) via
the REMOTE ON/OFF signal pin
The main output recycled (turned OFF and then ON) by the
OPERATION command
Read back delay: The power supply issues the SMBAlert #
notification as soon as the first state change occurred. During
an event a number of different states can be transitioned to
before the final event occurs. If a read back is implemented
rapidly by the host a successive SMBAlert# could be triggered
by the transitioning state of the power supply. In order to avoid
successive SMBAlert# s and read back and also to avoid
reading a transitioning state, it is prudent to wait more than 2
seconds after the receipt of an SMBAlert# before executing a
read back. This delay will ensure that only the final state of the
power supply is captured.
Successive read backs: Successive read backs to the power
supply should not be attempted at intervals faster than every
one second. This time interval is sufficient for the internal
processors to update their data base so that successive reads
provide fresh data.
Invalid commands or data: The power supply notifies the
MASTER if a non-supported command has been sent or invalid
data has been received. Notification is implemented by setting
the appropriate STATUS and ALARM registers and setting the
SMBAlert# flag.
If a non-supported read is requested the power supply will
return all 0x00h.
PMBusTM Commands
Standard instruction: Up to two bytes of data may follow an
instruction depending on the required data content. Analog
data is always transmitted as LSB followed by MSB. PEC is
optional and includes the address and data fields.
1
8
1
8
1
S
Slave address
Wr
A
Command Code
A
8
1
8
1
8
1
1
Low data byte
A
High data byte
A
PEC
A
P
Master to Slave
Slave to Master
SMBUS annotations; S – Start , Wr – Write, Sr – re-Start, Rd –
Read,
A – Acknowledge, NA – not-acknowledged, P – Stop
Standard READ: Up to two bytes of data may follow a READ
request depending on the required data content. Analog data
is always transmitted as LSB followed by MSB. PEC is
mandatory and includes the address and data fields
. PEC is
optional and includes the address and data fields.
1
7
1
1
8
1
S
Slave address
Wr
A
Command Code
A
1
7
1
1
8
1
Sr
Slave Address
Rd
A
LSB
A
8
1
8
1
1
MSB
A
PEC
No-ack
P
Block communications: When writing or reading more than
two bytes of data at a time, BLOCK instructions for WRITE and
READ commands must be used instead of the Standard
Instructions
Block write format:
1
7
1
1
8
1
S
Slave address
Wr
A
Command Code
A
8
1
8
1
8
1
Byte count = N
A
Data 1
A Data 2
A
8
1
8
1
8
1
1
……….
A
Data 48
A
PEC
A
P
Block read format:
1
7
1
1
8
1
S
Slave address
Wr
A
Command Code
A
1
7
1
1
Sr
Slave Address
Rd
A
8
1
8
1
8
1
Byte count = N
A
Data 1
A Data 2
A
8
1
8
1
8
1
1
……….
A
Data 48
A
PEC
NoAck
P


Similar Part No. - CAR2512TEBXXZ01A

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CAR2512 RIEDON-CAR2512 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
145Kb / 3P
   CAR Series
logo
Lineage Power Corporati...
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR2512FP5Y0-1A LINEAGEPOWER-CAR2512FP5Y0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
More results

Similar Description - CAR2512TEBXXZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Advantech Co., Ltd.
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
   5Vdc, 3A, 15W Power Supply
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
logo
Advantech Co., Ltd.
BB-PS-WDS ADVANTECH-BB-PS-WDS Datasheet
353Kb / 1P
   5VDC, 3A, 15W Switching Power Supply
logo
Lineage Power Corporati...
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
   15W PC Standby power supply
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com