Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP3000Y Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VSP3000Y
Description  12-Bit, 6MHz CCD/CIS SIGNAL PROCESSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VSP3000Y Datasheet(HTML) 4 Page - Burr-Brown (TI)

  VSP3000Y Datasheet HTML 1Page - Burr-Brown (TI) VSP3000Y Datasheet HTML 2Page - Burr-Brown (TI) VSP3000Y Datasheet HTML 3Page - Burr-Brown (TI) VSP3000Y Datasheet HTML 4Page - Burr-Brown (TI) VSP3000Y Datasheet HTML 5Page - Burr-Brown (TI) VSP3000Y Datasheet HTML 6Page - Burr-Brown (TI) VSP3000Y Datasheet HTML 7Page - Burr-Brown (TI) VSP3000Y Datasheet HTML 8Page - Burr-Brown (TI) VSP3000Y Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
®
4
VSP3000
PIN DESCRIPTIONS
PIN
DESIGNATOR
TYPE
DESCRIPTION
PIN
DESIGNATOR
TYPE
DESCRIPTION
1
CLP
DI
Clamp Enable
2
GNDA
P
Analog Ground
3
RINP
AI
Red-Channel Analog Input
4
RINN
AI
Red-Channel Reference Input
5
GNDA
P
Analog Ground
6
GINP
AI
Green-Channel Analog Input
7
GINN
AI
Green-Channel Reference Input
8
GNDA
P
Analog Ground
9
BINP
AI
Blue-Channel Analog Input
10
BINN
AI
Blue-Channel Reference Input
11
GNDA
P
Analog Ground
12
VDDA
P
Analog Power Supply, +5V
13
STRT
DI
Start Line Scanning
14
ADCCK
DI
A/D Converter Clock Input
15
CK1
DI
Sample Reference Clock
16
CK2
DI
Sample Data Clock
17
GNDD
P
Digital Ground
18
RD
DI
Read Signal for Registers
19
WRT
DI
Write Signal for Registers
20
P/S
DI
Parallel/Serial Port Select.
HIGH = Parallel, LOW = Serial
21
SD
DI
Serial Data Input
22
SCLK
DI
Serial Data Clock
23
VDDD
P
Digital Power Supply, +5V
24
OE
DI
A/D Converter Output Enable
25
B0 (D0) LSB
DIO
A/D Output (Bit 0) and Register Data Port (Bit 0)
26
B1 (D1)
DIO
A/D Output (Bit 1) and Register Data Port (Bit 1)
27
B2 (D2)
DIO
A/D Output (Bit 2) and Register Data Port (Bit 2)
28
B3 (D3)
DIO
A/D Output (Bit 3) and Register Data Port (Bit 3)
29
B4 (D4)
DIO
A/D Output (Bit 4) and Register Data Port (Bit 4)
30
B5 (D5)
DIO
A/D Output (Bit 5) and Register Data Port (Bit 5)
31
B6 (D6)
DIO
A/D Output (Bit 6) and Register Data Port (Bit 6)
32
B7 (D7)
DIO
A/D Output (Bit 7) and Register Data Port (Bit 7)
33
B8 (A0)
DIO
A/D Output (Bit 8) and Register Address (Bit 0)
34
B9 (A1)
DIO
A/D Output (Bit 9) and Register Address (Bit 1)
35
B10 (A2)
DIO
A/D Output (Bit 10) and Register Address (Bit 2)
36
B11 MSB
DIO
A/D Output (Bit 11)
37
VDRV
P
Output Driver Voltage Supply
38
VDDD
P
Digital Power Supply, +5V
39
GNDD
P
Digital Ground
40
TP0
AO
A/D Converter Input Monitor Pin
41
GNDA
P
Analog Ground
42
VDDA
P
Analog Power Supply, +5V
43
VREF
AIO
Reference Input/Output
44
GNDA
P
Analog Ground
45
REFB
AO
Bottom Reference
46
CM
AO
Common-Mode Voltage
47
REFT
AO
Top Reference
48
VDDA
P
Analog Power Supply, +5V
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
B11 (MSB)
B10 (A2)
B9 (A1)
B8 (A0)
B7 (D7)
B6 (D6)
B5 (D5)
B4 (D4)
B3 (D3)
B2 (D2)
B1 (D1)
B0 (D0, LSB)
1
2
3
4
5
6
7
8
9
10
11
12
CLP
GND
A
RINP
RINN
GND
A
GINP
GINN
GND
A
BINP
BINN
GND
A
V
DDA
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
VSP3000Y


Similar Part No. - VSP3000Y

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP3010 BURR-BROWN-VSP3010 Datasheet
199Kb / 16P
   12-Bit, 12MHz CCD/CIS SIGNAL PROCESSOR
VSP3010Y BURR-BROWN-VSP3010Y Datasheet
199Kb / 16P
   12-Bit, 12MHz CCD/CIS SIGNAL PROCESSOR
More results

Similar Description - VSP3000Y

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP3010 BURR-BROWN-VSP3010 Datasheet
199Kb / 16P
   12-Bit, 12MHz CCD/CIS SIGNAL PROCESSOR
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
AD9816 AD-AD9816 Datasheet
171Kb / 16P
   Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV. A
AD9816 AD-AD9816_15 Datasheet
187Kb / 16P
   Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV. A
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
logo
Analog Devices
AD9814 AD-AD9814 Datasheet
160Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822 Datasheet
150Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com