Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLP0212FPEXZ02A Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # CLP0212FPEXZ02A
Description  90 - 264Vac input; 12Vdc output; 200W Output Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CLP0212FPEXZ02A Datasheet(HTML) 3 Page - Lineage Power Corporation

  CLP0212FPEXZ02A Datasheet HTML 1Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 2Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 3Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 4Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 5Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 6Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 7Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 8Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
GE
Preliminary Data Sheet
CLP0212 Open Frame Power Supply
90 - 264Vac input; 12Vdc output; 200W Output Power
October 11, 2013
©2012 General Electric Corporation. All rights reserved.
Page 3
Electrical Specifications (cont.)
Parameter
Device
Min
Typ
Max
Unit
Maximum Output Capacitance
All
5000
µF
Standby Output Voltage
CLP0212FPXX5Z01A
CLP0212FPEX5Z01A
5
Vdc
CLP0212FPXX3Z01A
3.3
Vdc
Standby Output Current
All
0.25
Adc
Efficiency: VIN = 230Vac, 20% load
All except ..Z02A
86.8
%
50% load
All except ..Z02A
91.1
%
100% load
All except ..Z02A
89.5
%
VIN = 115Vac, 20% load
All except ..Z02A
89.2
%
50% load
All except ..Z02A
90.3
%
100% load
All except ..Z02A
87.1
%
Holdup Time – VIN = 115Vac, 100% load2
65W load for CLP0212FPEXZ02A
All except ..Z02A
CLP0212FPEXZ02A
10
45
ms
VIN = 230Vac, 100% load
65W load for CLP0212FPEXZ02A
All except ..Z02A
CLP0212FPEXZ02A
10
45
ms
Isolation Specifications
Parameter
Device
Min
Max
Unit
Isolation Voltage – Input to output
All
3000
Vac
Input to safety ground
All
1500
Vac
Outputs to safety ground
All
50
Vac
General Specifications
Parameter
Device
Symbol
Typ.
Unit
Calculated Reliability based on Telcordia SR-332 Issue 2: Method 1 Case
3 (VIN=230Vac, Io = 16.7A, TA = 40ºC, airflow 200LFM, 90% confidence)
All
FIT
MTBF
1,011.9
988,276
109/Hours
Hours
Weight
All
185
6.5
g
oz.
Feature Specifications
Parameter
Device
Min
Typ
Max
Unit
On/Off Signal Interface – signal referenced to GND
Logic Low (Power Supply ON)
Input Low Current
All
7
mA
Input Low Voltage
All
1
V
Logic High (Power Supply OFF)
Input High Current
All
600
µA
Input Voltage
All
5.5
V
Delay from ON/OFF being enabled to start of output voltage rise
All
50
ms
Output Voltage Rise Time (from 10 to 90% of final value)
All
5
ms
Delay from Input being applied to standby output being in regulation
All
12
ms
Delay from Input being applied to all outputs being in regulation
All
30
ms
Output Holdup time (from loss of AC to output being out of regulation)
All
10
ms
Output Overvoltage Protection (for main output currents above 0.1A)
All
13.8
18
Vdc
2 Holdup time is reduced at cold temperatures


Similar Part No. - CLP0212FPEXZ02A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLP04P040L28 ETC2-CLP04P040L28 Datasheet
907Kb / 26P
   Super Capacitors To Improve Power Performance.
logo
Sumida Corporation
CLP0513 SUMIDA-CLP0513 Datasheet
94Kb / 1P
   10/100 Base Pulse Transformer
CLP0608 SUMIDA-CLP0608 Datasheet
184Kb / 1P
   Pulse Transformer
CLP0612 SUMIDA-CLP0612 Datasheet
228Kb / 2P
   LAN Transformer< SMD Type: CLP Series>
CLP0712 SUMIDA-CLP0712 Datasheet
106Kb / 4P
   LAN Transformer< SMD Type: CLP Series>
More results

Similar Description - CLP0212FPEXZ02A

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
logo
MicroPower Direct, LLC
LDC-185 MPD-LDC-185 Datasheet
1Mb / 4P
   200W Output Power
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com