Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLP0212FPEXZ02A Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # CLP0212FPEXZ02A
Description  90 - 264Vac input; 12Vdc output; 200W Output Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CLP0212FPEXZ02A Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button CLP0212FPEXZ02A Datasheet HTML 4Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 5Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 6Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 7Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 8Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 9Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 10Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 11Page - Lineage Power Corporation CLP0212FPEXZ02A Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
GE
Preliminary Data Sheet
CLP0212 Open Frame Power Supply
90 - 264Vac input; 12Vdc output; 200W Output Power
October 11, 2013
©2012 General Electric Corporation. All rights reserved.
Page 8
Input Undervoltage Lockout
At input voltages below the input undervoltage lockout limit,
power supply operation is disabled. The power supply will
begin to operate at an input voltage above the undervoltage
lockout turn-on threshold. Note that the undervoltage lockout
limits are load dependent and the power supply turns ON and
can operate at much lower input voltage levels when at light
or no load.
DC OK
The CLP0212 provides a DC OK signal that indicates when
the output has come up and is in regulation. This is an open-
collector type signal that goes high when the output is
available and within regulation.
Power Good LED
A green LED (located next to HDR3) illuminates when the main
output voltage is above 10V.
Paralleling/Load Share
This power supply can be paralleled to provide larger load
currents than can be delivered from a single power supply. Up
to four power supplies may be paralleled. Paralleling is
accomplished by connecting the Current Share signals of
multiple power supplies together. At load current levels above
20%, the output currents of multiple power supplies will be
within ±5% of the full load value.
If remote sense is used when paralleling is employed, the
remote sense connection points should be common to both
power supplies.
For applications where redundancy among paralleled power
supplies is desired, ORing diodes or other active ORing circuitry
needs to be connected in series with each output.
Thermal Considerations
The power supply can be operated in a variety of thermal
environments; however sufficient cooling should be provided
to ensure reliable operation.
Considerations include ambient temperature, airflow, power
supply dissipation and the need for increased reliability. A
reduction in the operating temperature of the power supply
will result in increased reliability. The thermal data presented
here is based on measurements taken in a wind tunnel.
Heat Transfer via Convection
Increased airflow through the power supply enhances the heat
transfer via convection. Figure 11 shows the preferred airflow
direction. Contact your GE Energy technical representative for
derating information in other airflow directions.
Note: Under Natural Convection cooling conditions, the
maximum load is restricted to 100W as OTP will be triggered
at higher loads.
Fig. 11. Preferred airflow direction for cooling.
Operation In a Sealed Enclosure
The CLP0212 power supply can also be operated in a sealed
enclosure provided proper means for removing heat from the
power supply are used. Figure 12 shows an arrangement
where a thermally conductive pad is used to transfer heat
from the bottom of the power supply into the enclosure. Under
such conditions, the power supply is capable of reduced power
operation as shown in Table 1.
Fig. 12. Example arrangement of the CLP0212 for sealed
enclosure applications.
Table 1. Output Power Capability when the CLP0212 is
operated in a sealed enclosure with thermal pad for
conduction cooling.
Ambient Temperature (ºC)
Max. Output Power (W)
25
170
40
150
55
110
.
Enclosure Wall
Thermally Conductive Pad


Similar Part No. - CLP0212FPEXZ02A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLP04P040L28 ETC2-CLP04P040L28 Datasheet
907Kb / 26P
   Super Capacitors To Improve Power Performance.
logo
Sumida Corporation
CLP0513 SUMIDA-CLP0513 Datasheet
94Kb / 1P
   10/100 Base Pulse Transformer
CLP0608 SUMIDA-CLP0608 Datasheet
184Kb / 1P
   Pulse Transformer
CLP0612 SUMIDA-CLP0612 Datasheet
228Kb / 2P
   LAN Transformer< SMD Type: CLP Series>
CLP0712 SUMIDA-CLP0712 Datasheet
106Kb / 4P
   LAN Transformer< SMD Type: CLP Series>
More results

Similar Description - CLP0212FPEXZ02A

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
logo
MicroPower Direct, LLC
LDC-185 MPD-LDC-185 Datasheet
1Mb / 4P
   200W Output Power
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com