Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2000DC54PEZ Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # CP2000DC54PEZ
Description  Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2000W; 5 Vdc @ 4W
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CP2000DC54PEZ Datasheet(HTML) 1 Page - Lineage Power Corporation

  CP2000DC54PEZ Datasheet HTML 1Page - Lineage Power Corporation CP2000DC54PEZ Datasheet HTML 2Page - Lineage Power Corporation CP2000DC54PEZ Datasheet HTML 3Page - Lineage Power Corporation CP2000DC54PEZ Datasheet HTML 4Page - Lineage Power Corporation CP2000DC54PEZ Datasheet HTML 5Page - Lineage Power Corporation CP2000DC54PEZ Datasheet HTML 6Page - Lineage Power Corporation CP2000DC54PEZ Datasheet HTML 7Page - Lineage Power Corporation CP2000DC54PEZ Datasheet HTML 8Page - Lineage Power Corporation CP2000DC54PEZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
GE
Data Sheet
August 20, 2013
©2013 General Electric Company. All rights reserved.
Page 1
CP2000DC54-PE Compact Power Line DC/DC Converter
Input: -40 to -72Vdc; Outputs: ±54 Vdc @ 2000W; 5 Vdc @ 4W
Features
Compact 1-RU form factor providing 22 W/in3
Input Current < 60A at 40 Vdc input
Programmable output voltage from 44V to 58 Vdc,
Output defaulted to 54V
RS4851 and PMBus compliant dual I2C serial bus communications
Designed to IEEE802.3af Compliance, 2250 output*** isolation to
chassis/signals for POE applications. (see ordering info)
DC Output over-voltage and over-current protection
DC Input over-voltage and under-voltage protection
Over-temperature warning and protection
Redundant, parallel operation with active load sharing and isolated
redundant +5V Aux power, isolated signals and I2C communications
Remote ON/OFF
Hot insertion/removal (hot plug)
Four front panel LED indicators
UL* Recognized to UL60950-1, CAN/ CSAC22.2 No. 60950-1, and
VDE0805-1 Licensed to IEC60950-1
CE mark meets 2006/95/EC directive§
Internal variable-speed fan control
RoHS 5 compliant
POE compliant to IEEE802.3af
Applications
48Vdc distributed power architectures
Power over Ethernet
Routers/Switches
VoIP/Soft Switches
LAN/WAN/MAN applications
File servers
Indoor wireless
Telecommunications equipment
Enterprise Networks
SAN/NAS/iSCSI applications
Advanced workstations
Description
The CP2000DC54-PE DC/DC Converter, also called a Power Entry Module (PEM) in the Compact Power Line platform is
specifically designed to operate as an integral part of a complete distributed power system. The high-density, front-
to-back airflow PEM is designed for minimal space utilization and is highly expandable for future growth. It is provided
with many features including PoE isolation, and dual-redundant I2C communications busses that allow it to be used in
a broad range of applications. These signals and the 5V auxiliary supply are isolated from the main output and frame
ground. The flexible feature set makes this Power Entry Module an excellent choice for applications requiring modular
dc-to-dc bulk intermediate voltages, such as in distributed power.
* UL is a registered trademark of Underwriters Laboratories, Inc.
† CSA is a registered trademark of Canadian Standards Association.
‡ VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
§ This product is intended for integration into end-user equipment. All the required procedures for CE marking of end-user equipment should be followed. (The CE mark is placed on selected products.)
** ISO is a registered trademark of the International Organization of Standards.
1 Introduced in 2011


Similar Part No. - CP2000DC54PEZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2000DC54 LINEAGEPOWER-CP2000DC54 Datasheet
175Kb / 8P
   Compact Power Line Input: -40 to -72 Vdc; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
More results

Similar Description - CP2000DC54PEZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
CP2000DC54 LINEAGEPOWER-CP2000DC54 Datasheet
175Kb / 8P
   Compact Power Line Input: -40 to -72 Vdc; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000AC54SD LINEAGEPOWER-CP2000AC54SD Datasheet
273Kb / 8P
   Compact Power Line Input: 200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000AC54PE LINEAGEPOWER-CP2000AC54PE Datasheet
267Kb / 8P
   Compact Power Line Input: 100-120/200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
   0 to 40 VDC Input
logo
Lineage Power Corporati...
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
   36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
CP2000AC54TEP LINEAGEPOWER-CP2000AC54TEP Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2000W, 5VDC @ 4W
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
logo
Bel Fuse Inc.
SLIN-30E1AX BEL-SLIN-30E1AX Datasheet
478Kb / 26P
   6.0 Vdc - 14 Vdc Input, 0.8 Vdc - 2.75 Vdc /30 A Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com