Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2725AC54TEZ Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # CP2725AC54TEZ
Description  100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2725W, 5VDC @ 4W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CP2725AC54TEZ Datasheet(HTML) 4 Page - Lineage Power Corporation

  CP2725AC54TEZ Datasheet HTML 1Page - Lineage Power Corporation CP2725AC54TEZ Datasheet HTML 2Page - Lineage Power Corporation CP2725AC54TEZ Datasheet HTML 3Page - Lineage Power Corporation CP2725AC54TEZ Datasheet HTML 4Page - Lineage Power Corporation CP2725AC54TEZ Datasheet HTML 5Page - Lineage Power Corporation CP2725AC54TEZ Datasheet HTML 6Page - Lineage Power Corporation CP2725AC54TEZ Datasheet HTML 7Page - Lineage Power Corporation CP2725AC54TEZ Datasheet HTML 8Page - Lineage Power Corporation CP2725AC54TEZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
GE
Data Sheet
CP2725AC54TE CPL High Efficiency Rectifier
100-120/200-277VAC input; Default Outputs: ±54VDC @ 2725W, 5VDC @ 4W
January 30, 2014
©2013 General Electric Company. All rights reserved.
Page 4
5VDC Auxiliary output
Parameter
Symbol
Min
Typ
Max
Unit
Output Voltage Setpoint
VOUT
5
VDC
Overall Regulation
-107
+5
%
Output Current
0.005
0.75
A
Ripple and Noise (20mHz bandwidth)
50
100
mVp-p
Over-voltage Clamp
7
VDC
Over-current Limit
110
175
%FL
Isolation from the main output
STD / POE compliant
500 / 2250
Vdc
Isolation from frame ground
50
Vdc
General Specifications
Parameter
Min
Typ
Max
Units
Notes
Reliability
450,000
Hours
Full load, 25C ; MTBF per SR232 Reliability protection for
electronic equipment, issue 2, method I, case III,
Service Life
10
Years
Full load, excluding fans
Unpacked Weight
2.18/4.8
Kgs/Lbs
Packed Weight
2.45/5.4
Kgs/Lbs
Heat Dissipation
100 Watts or 341 BTUs @ 80% load, 153 Watts or 522 BTUs @ 100% load
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. Signals are referenced
to Logic_GRD unless noted otherwise. Fault, PFW, OTW, SMBAlert#, and Power capacity need to be pulled HI through external pull-up resistors. See
Feature Descriptions for additional information.
Parameter
Symbol
Min
Typ
Max
Unit
Enable (should be connected to Logic_GRD) 54V output OFF
VOUT
1.4
5
VDC
54V output ON
VOUT
0
0.8
VDC
Margining (through adjusting Vcontrol)
44
58
VDC
Voltage control range
Vcontrol
0
3.3
VDC
Programmed output voltage range
VOUT
42
58
VDC
Voltage adjustment resolution (8-bit A/D)
Vcontrol
3.3
mVDC
Output configured to 54VDC
Vcontrol
3.0
3. 3
VDC
Output configured to 44VDC
Vcontrol
0
0.1
VDC
ON/OFF [short pin controls 54VDC output - ] referenced to VOUT( - )
54V output OFF
Vcontrol
1.4
5
VDC
54V output ON
Vcontrol
0
0.8
VDC
Module Present [Resistor connected to Logic_GRD internally]
500
Write protect enabled
V
1
5
VDC
Write protect disabled
V
0
0.8
VDC
Over Temperature Warning (OTW) Logic HI (temperature normal)
V
0.7VDD
12
VDC
Sink current
I
5
mA
Logic LO (temperature is too high)
V
0
0.4
VDC
Fault Logic HI (No fault is present)
V
0.7VDD
12
VDC
Sink current
I
5
mA
Logic LO (Fault is present)
V
0
0.4
VDC
SMBAlert# (Alert#_0, Alert#_1) Logic HI (No Alert - normal)
V
0.7VDD
12
VDC
Sink current
I
5
mA
Logic LO (Alert is set)
V
0
0.4
VDC
7 Within ±5% when load is < 0.5A


Similar Part No. - CP2725AC54TEZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2725AC54Z LINEAGEPOWER-CP2725AC54Z Datasheet
278Kb / 8P
   Compact Power Line Front-End Power Supply
More results

Similar Description - CP2725AC54TEZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
CP2000AC54TEP LINEAGEPOWER-CP2000AC54TEP Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2000W, 5VDC @ 4W
CP2000AC54PE LINEAGEPOWER-CP2000AC54PE Datasheet
267Kb / 8P
   Compact Power Line Input: 100-120/200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
logo
LinkCom Manufacturing C...
PLCCE0060132 LINKCOM-PLCCE0060132 Datasheet
697Kb / 2P
   AC Input 100-277Vac
PLCCE0017142 LINKCOM-PLCCE0017142 Datasheet
270Kb / 2P
   AC Input 100-277Vac
PLCCE0013501 LINKCOM-PLCCE0013501 Datasheet
258Kb / 2P
   AC Input 100-277Vac
PLCCE0017112 LINKCOM-PLCCE0017112 Datasheet
258Kb / 2P
   AC Input 100-277Vac
PLCCE0017122 LINKCOM-PLCCE0017122 Datasheet
270Kb / 2P
   AC Input 100-277Vac
PLCCE0013112 LINKCOM-PLCCE0013112 Datasheet
270Kb / 2P
   AC Input 100 - 277Vac
PLCCE0015112 LINKCOM-PLCCE0015112 Datasheet
269Kb / 2P
   AC Input 100-277Vac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com