Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR104BP Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # XTR104BP
Description  4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR104BP Datasheet(HTML) 2 Page - Burr-Brown (TI)

  XTR104BP Datasheet HTML 1Page - Burr-Brown (TI) XTR104BP Datasheet HTML 2Page - Burr-Brown (TI) XTR104BP Datasheet HTML 3Page - Burr-Brown (TI) XTR104BP Datasheet HTML 4Page - Burr-Brown (TI) XTR104BP Datasheet HTML 5Page - Burr-Brown (TI) XTR104BP Datasheet HTML 6Page - Burr-Brown (TI) XTR104BP Datasheet HTML 7Page - Burr-Brown (TI) XTR104BP Datasheet HTML 8Page - Burr-Brown (TI) XTR104BP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
XTR104
XTR104BP, BU
XTR104AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT
Output Current Equation
A
Total Adjusted Error (1)
TMIN to TMAX, VFS ≥ 10mV, RB = 5kΩ±1
±2
% of FS
Current, Specified Range
4
20
*
*
mA
Over-Scale Limit
34
40
*
*
mA
Under Scale-Limit
3.6
3.8
*
*
mA
Full Scale Output Error
VIN = 1V, RG = ∞±15
±50
*
±100
µA
Noise: 0.1Hz to 1kHz
RG = 40Ω
8*
µAp-p
ZERO OUTPUT(2)
VIN = 0V, RG = ∞
4*
mA
Initial Error
±5
±50
*
±100
µA
vs Temperature
±0.2
±0.5
*
±1
µA/°C
vs Supply Voltage, V+
V+ = 9V to 40V(3)
0.5
2
*
*
µA/V
vs Common-Mode Voltage
VCM = 2V to 3V(3)
0.1
2
*
*
µA/V
SPAN
Span Equation (Transconductance)
*
A/V
Untrimmed Error
RG ≥ 75Ω±0.1
±1*
*
%
vs Temperature(4)
±20
±50
*
±100
ppm/
°C
Nonlinearity: Ideal Input
0.01
*
%
Bridge Input(5)
0.1
*
%
INPUT
Differential Range
1*
V
Input Voltage Range(3)
23
*
*
V
Common-Mode Rejection
VIN = 2V to 3V(3)
80
100
*
*
dB
Impedance: Differential
3
*
G
Common-Mode
0.5
*
G
Offset Voltage
±0.5
±2.5
*
*
mV
vs Temperature
1
2.5
2
5
µV/°C
vs Supply Voltage, V+
V+ = 9V to 40V(3)
110
130
*
*
dB
Input Bias Current
100
250
*
*
nA
vs Temperature
0.1
2
*
*
nA/
°C
Input Offset Current
2
20
*
*
nA
vs Temperature
0.01
0.25
*
*
nA/
°C
VOLTAGE REFERENCE(6)
Voltage
5*
V
Accuracy
±0.25
±0.5
*
±1%
vs Temperature
±10
±50
*
±100
ppm/
°C
vs Supply Voltage, V+
V+ = 9V to 40V(3)
5
*
ppm/V
vs Load
IL = 0 to 2mA
50
*
ppm/mA
POWER SUPPLY
Voltage Range(3), V+
9
40
*
*
V
TEMPERATURE RANGE
Specification
(TMIN to TMAX)
–40
85
*
*
°C
Operating
Derated Performance
–40
125
*
*
°C
θ
JA
80
*
°C/W
I
O = VIN • (0.016 + 40/RG) + 4mA
V
IN in
Volts, R
G in Ω
* Specification same as XTR104BP.
NOTES: (1) Includes corrected second-order nonlinearity of bridge, and over-temperature zero and span effects. Does not include initial offset and span errors which
are normally trimmed to zero at 25
°C. (2) Describes accuracy of the 4mA low-scale current. Does not include input amplifier effects. Can be trimmed to zero.
(3) Voltage measured with respect to IO pin. (4) Does not include TCR of gain-setting resistor, RG. (5) When configured to correct for ≤2% second-order bridge sensor
nonlinearity. (6) Measured with RLIN = ∞ to disable linearization feature.
S = 0.016 + 40/R
G
SPECIFICATIONS
TA = +25°C, V+ = 24V, and 2N6121 external transistor, unless otherwise noted.


Similar Part No. - XTR104BP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
XTR104AU/1K TI1-XTR104AU/1K Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
More results

Similar Description - XTR104BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com