Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR104BP Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # XTR104BP
Description  4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR104BP Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button XTR104BP Datasheet HTML 2Page - Burr-Brown (TI) XTR104BP Datasheet HTML 3Page - Burr-Brown (TI) XTR104BP Datasheet HTML 4Page - Burr-Brown (TI) XTR104BP Datasheet HTML 5Page - Burr-Brown (TI) XTR104BP Datasheet HTML 6Page - Burr-Brown (TI) XTR104BP Datasheet HTML 7Page - Burr-Brown (TI) XTR104BP Datasheet HTML 8Page - Burr-Brown (TI) XTR104BP Datasheet HTML 9Page - Burr-Brown (TI) XTR104BP Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
®
XTR104
APPLICATION INFORMATION
Figure 1 shows the basic connection diagram for the XTR104.
The loop power supply, V
PS, provides power for all cir-
cuitry. Loop current is measured as a voltage across the
series load resistor, R
L.
A high impedance (
≥2750Ω) strain gage sensor can be
excited directly by the 5V reference output terminal, VR.
The output terminals of the bridge are connected to the
instrumentation amplifier inputs, V+IN and V–IN. The resis-
tor, RG, sets the gain of the instrumentation amplifier as
required by the full-scale bridge voltage, VFS.
The transfer function is:
IO = VIN • (0.016 + 40/RG) + 4mA,
Where: VIN is the voltage applied to the V+IN and
V–IN differential inputs (in Volts.) RG in Ω.
With no RG connected (RG = ∞), a 0V to 1V input produces
a 4 to 20mA output current. With R
G = 25Ω, a 0V to 10mV
input produces a 4 to 20mA output current. Other values for
R
G can be calculated as follows:
Where: VFS is the full scale voltage applied to the V+IN and
V
IN differential inputs (in Volts).
RG in Ω.
Under-scale input voltage (negative) will cause the output
current to decrease below 4mA. Increasingly negative input
will cause the output current to limit at approximately
3.6mA.
Increasingly positive input voltage (above VFS) will produce
increasing output current according to the transfer function,
up to the output current limit of approximately 34mA.
EXTERNAL TRANSISTOR
Transistor Q1 conducts the majority of the signal-dependent
4 to 20mA loop current. Using an external transistor isolates
the power dissipation from the precision input and reference
circuitry of the XTR104, maintaining excellent accuracy.
Since the external transistor is inside a feedback loop its
characteristics are not critical. Many common NPN types
can be used. Requirements for operation at the full loop
supply voltage are: V
CEO = 45V min, β = 40 min and PD =
800mW. Power dissipation requirements may be lower if the
maximum loop power supply voltage is less than 40V. Some
possible choices for Q1 are listed in Figure 1.
LOOP POWER SUPPLY
The voltage applied to the XTR104, V+, is measured with
respect to the IO connection, pin 7. V+ can range from 9V to
40V. The loop supply voltage, VPS, will differ from the
voltage applied to the XTR104 according to the voltage drop
on the current sensing resistor, RL (plus any other voltage
drop in the line).
If a low loop supply voltage is used, RL must be made a
relatively low value to assure that V+ remains 9V or greater
for the maximum loop current of 20mA. It may, in fact, be
prudent to design for V+ equal or greater than 9V with loop
currents up to 34mA to allow for out-of-range input condi-
tions. The typical performance curve “Loop Resistance vs
Loop Power Supply” shows the allowable sense resistor
values for full-scale 20mA.
The low operating voltage (9V) of the XTR104 allows
operation directly from personal computer power supplies
(12V
±5%). When used with the RCV420 Current Loop
Receiver (see Figure 9), load resistor voltage drop is only
1.5V at 20mA.
(2)
(1)
R
G
=
2500
1
V
FS
– 1
FIGURE 1. Bridge Sensor Application, Connected for Positive Nonlinearity.
XTR104
RG
+
(1)
R
L
V
PS
+
11
0.01µF
+
13
7
(3)
4
6
5
1
(3)
12
10
2
RB
(2)
3
R LIN
(3)
8
9
V
+
LIN
R
G
V
LIN
V
+
IN
R
G
V
IN
I
O
E
B
V+
R
LIN
R
G =
2500
– 1
(1)
(2) R
B ≥ 2750Ω. Otherwise add series resistance (see Figure 8).
(3) See text — “Linearization”.
1
V
FS
where V
FS is Full Scale VIN.
Bridge Sensor
R2
R1
V
R
I
O = 4-20mA
4-20mA
Q
1
Possible choices for Q
1 (see text).
Type
Package
2N4922
TIP29B
TIP31B
TO-225
TO-220
TO-220


Similar Part No. - XTR104BP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
XTR104AU/1K TI1-XTR104AU/1K Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
More results

Similar Description - XTR104BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com