Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBDW025A0B Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # EBDW025A0B
Description  36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EBDW025A0B Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button EBDW025A0B Datasheet HTML 6Page - Lineage Power Corporation EBDW025A0B Datasheet HTML 7Page - Lineage Power Corporation EBDW025A0B Datasheet HTML 8Page - Lineage Power Corporation EBDW025A0B Datasheet HTML 9Page - Lineage Power Corporation EBDW025A0B Datasheet HTML 10Page - Lineage Power Corporation EBDW025A0B Datasheet HTML 11Page - Lineage Power Corporation EBDW025A0B Datasheet HTML 12Page - Lineage Power Corporation EBDW025A0B Datasheet HTML 13Page - Lineage Power Corporation EBDW025A0B Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
GE
Data Sheet
EBDW025A0B Barracuda™ Series; DC-DC Converter Power Modules
36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
April 15, 2013
©2012 General Electric Company. All rights reserved.
Page 10
Feature Descriptions (continued)
Load Sharing
For higher power requirements, the EBDW025A0 power
module offers an optional feature for parallel operation (-P
Option code). This feature provides a precise forced output
voltage load regulation droop characteristic. The output set
point and droop slope are factory calibrated to insure
optimum matching of multiple modules’ load regulation
characteristics. To implement load sharing, the following
requirements should be followed:
The VOUT(+) and VOUT(-) pins of all parallel modules must be
connected together. Balance the trace resistance for each
module’s path to the output power planes, to insure best load
sharing and operating temperature balance.
VIN must remain between 40Vdc and 75Vdc for droop sharing
to be functional.
It is permissible to use a common Remote On/Off signal to
start all modules in parallel.
These modules contain means to block reverse current flow
upon start-up, when output voltage is present from other
parallel modules, thus eliminating the requirement for
external output ORing devices. Modules with the –P option
will self determine the presence of voltage on the output from
other operating modules, and automatically increase its Turn
On delay, Tdelay, as specified in the Feature Specifications
Table.
When parallel modules startup into a pre-biased output, e.g.
partially discharged output capacitance, the Trise is
automatically increased, as specified in the Feature
Specifications Table, to insure graceful startup.
Insure that the load is <50% IO,MAX (for a single module) until
all parallel modules have started (load full start > module
Tdelay time max + Trise time).
If fault tolerance is desired in parallel applications, output
ORing devices should be used to prevent a single module
failure from collapsing the load bus.
Remote Sense
Remote sense minimizes the effects of distribution losses by
regulating the voltage at the remote-sense connections (See
Figure 15). The SENSE(-) pin should be always connected to
VO(–).The voltage between the remote-sense pins and the
output terminals must not exceed the output voltage sense
range given in the Feature Specifications table:
[VO(+) – VO(–)] – [SENSE(+) ]  0.5 V
Although the output voltage can be increased by both the
remote sense and by the trim, the maximum increase for the
output voltage is not the sum of both. The maximum increase
is the larger of either the remote sense or the trim. The amount
of power delivered by the module is defined as the voltage at
the output terminals multiplied by the output current. When
using remote sense and trim, the output voltage of the module
can be increased, which at the same output current, would
increase the power output of the module. Care should be
taken to ensure that the maximum output power of the
module remains at or below the maximum rated power
(Maximum rated power = Vo,set x Io,max).
Figure 16. Circuit Configuration for remote sense.
Configurable Control Pins
The EBDW025A0B contains two configurable control pins, T/C1
and C2, referenced to the module secondary SIG_GND. See
Mechanical Views for pin locations. The following table list the
default factory configurations for the functions assigned to
these pins. Additional configurations can be accomplished via
the PMBus command, MFR_CPIN_ARA_CONFIG. Following the
table, there is a feature description for each function.
Pin Designation/Function
Module
Configuration
T/C1
C2
Code
On/Off (O)
Power Good
w/o -P
Factory Default
Trim
On/Off (O)
w/o -P
Via PMBus
Trim
Power Good
w/o -P
Via PMBus
On/Off (O)
Power Good
with -P
Factory Default
Remote On/Off(o)
The module contains an additional remote on/off control input
On/Off(o), via either the T/C1 or C2 pin, reference to the
SIG_GND pin. The factory default configuration is set to ignore
this input, unless activated by the PMBus command, MFR_
CPIN_ON_OFF_CONFIG. This command is also used to
configure the logic for the On/Off(o) pin. Positive logic remote
on/off turns the module on during a logic HI voltage on the
ON/OFF pin, and off during a logic LO. Negative logic remote
on/off turns the module off during a logic HI, and on during a
logic LO. The On/Off(o) circuit is powered from an internal bias
supply, referenced to SIG_GND. To turn the power module on
and off, the user must supply a switch to control the voltage
between the On/Off (o) terminal and the SIG_GND pin
(Von/off(o)). The switch can be an open collector or equivalent
(see Figure 13). A logic LO is Von/off(o) = -0.3V to 0.8V. The
typical Ion/off(o) during a logic low is 330µA. The switch should
maintain a logic LO voltage while sinking 250µA. During a logic
HI, the maximum Von/off(o) generated by the power module is
3.3V. The maximum allowable leakage current of the switch at
Von/off(o) = 2.0V is 130µA. If using an external voltage source,
the maximum voltage Von/off on the pin is 3.3V with respect to
the Vi(-) terminal.
If not using the Remote On/Off(o) feature, the pin may be left
N/C.


Similar Part No. - EBDW025A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBDW020A0B LINEAGEPOWER-EBDW020A0B Datasheet
1Mb / 32P
   BARRACUDA SERIES?
EBDW020A0B41-HZ LINEAGEPOWER-EBDW020A0B41-HZ Datasheet
1Mb / 32P
   BARRACUDA SERIES?
EBDW020A0B41Z LINEAGEPOWER-EBDW020A0B41Z Datasheet
1Mb / 32P
   BARRACUDA SERIES?
EBDW020A0B641-HZ LINEAGEPOWER-EBDW020A0B641-HZ Datasheet
1Mb / 32P
   BARRACUDA SERIES?
EBDW020A0B641-PHZ LINEAGEPOWER-EBDW020A0B641-PHZ Datasheet
1Mb / 32P
   BARRACUDA SERIES?
More results

Similar Description - EBDW025A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com