Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBDW025A0B641PHZ Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # EBDW025A0B641PHZ
Description  36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EBDW025A0B641PHZ Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button EBDW025A0B641PHZ Datasheet HTML 4Page - Lineage Power Corporation EBDW025A0B641PHZ Datasheet HTML 5Page - Lineage Power Corporation EBDW025A0B641PHZ Datasheet HTML 6Page - Lineage Power Corporation EBDW025A0B641PHZ Datasheet HTML 7Page - Lineage Power Corporation EBDW025A0B641PHZ Datasheet HTML 8Page - Lineage Power Corporation EBDW025A0B641PHZ Datasheet HTML 9Page - Lineage Power Corporation EBDW025A0B641PHZ Datasheet HTML 10Page - Lineage Power Corporation EBDW025A0B641PHZ Datasheet HTML 11Page - Lineage Power Corporation EBDW025A0B641PHZ Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
GE
Data Sheet
EBDW025A0B Barracuda™ Series; DC-DC Converter Power Modules
36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
April 15, 2013
©2012 General Electric Company. All rights reserved.
Page 8
Test Configurations
Note: Measure input reflected-ripple current with a simulated
source inductance (LTEST) of 12 µH. Capacitor CS offsets
possible battery impedance. Measure current as shown above.
Figure 12. Input Reflected Ripple Current Test Setup.
Note: Use a 1.0 µF ceramic capacitor and a 10 µF aluminum or
tantalum capacitor. Scope measurement should be made
using a BNC socket. Position the load between
51 mm and 76 mm (2 in. and 3 in.) from the module.
Figure 13. Output Ripple and Noise Test Setup.
Note: All measurements are taken at the module terminals. When
socketing, place Kelvin connections at module terminals to avoid
measurement errors due to socket contact resistance.
Figure 14. Output Voltage and Efficiency Test Setup.
Design Considerations
Input Source Impedance
The power module should be connected to a low
ac-impedance source. A highly inductive source impedance
can affect the stability of the power module. For the test
configuration in Figure 12, a 100μF electrolytic capacitor, Cin,
(ESR<0.7 at 100kHz), mounted close to the power module
helps ensure the stability of the unit. If the module is subjected
to rapid on/off cycles, a 330μF input capacitor is required.
Consult the factory for further application guidelines.
Safety Considerations
For safety-agency approval of the system in which the power
module is used, the power module must be installed in
compliance with the spacing and separation requirements of
the end-use safety agency standard, i.e., UL60950-1 2nd Ed.,
CSA C22.2 No. 60950-1 2nd Ed., and VDE0805-1 EN60950-1 2nd
Ed.
If the input source is non-SELV (ELV or a hazardous voltage
greater than 60 Vdc and less than or equal to 75Vdc), for the
module’s output to be considered as meeting the
requirements for safety extra-low voltage (SELV), all of the
following must be true:
The input source is to be provided with reinforced
insulation from any other hazardous voltages, including
the ac mains.
One VIN pin and one VOUT pin are to be grounded, or both
the input and output pins are to be kept floating.
The input pins of the module are not operator accessible.
Another SELV reliability test is conducted on the whole
system (combination of supply source and subject
module), as required by the safety agencies, to verify that
under a single fault, hazardous voltages do not appear at
the module’s output.
Note: Do not ground either of the input pins of the module
without grounding one of the output pins. This may
allow a non-SELV voltage to appear between the
output pins and ground.
The power module has safety extra-low voltage (SELV) outputs
when all inputs are SELV.
The input to these units is to be provided with a maximum 15 A
fast-acting (or time-delay) fuse in the unearthed lead.
The power module has internally generated voltages
exceeding safety extra-low voltage. Consideration should be
taken to restrict operator accessibility.
LOAD
CONTACT AND
SUPPLY
II
CONTACT
VI(+)
VI(–)
VO1
DISTRIBUTION LOSSES
RESISTANCE
IO
VO2


Similar Part No. - EBDW025A0B641PHZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBDW020A0B LINEAGEPOWER-EBDW020A0B Datasheet
1Mb / 32P
   BARRACUDA SERIES?
EBDW020A0B41-HZ LINEAGEPOWER-EBDW020A0B41-HZ Datasheet
1Mb / 32P
   BARRACUDA SERIES?
EBDW020A0B41Z LINEAGEPOWER-EBDW020A0B41Z Datasheet
1Mb / 32P
   BARRACUDA SERIES?
EBDW020A0B641-HZ LINEAGEPOWER-EBDW020A0B641-HZ Datasheet
1Mb / 32P
   BARRACUDA SERIES?
EBDW020A0B641-PHZ LINEAGEPOWER-EBDW020A0B641-PHZ Datasheet
1Mb / 32P
   BARRACUDA SERIES?
More results

Similar Description - EBDW025A0B641PHZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com