Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBVW017A0X Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # EBVW017A0X
Description  36-75Vdc Input; 14.0Vdc Output; 17A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EBVW017A0X Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button EBVW017A0X Datasheet HTML 5Page - Lineage Power Corporation EBVW017A0X Datasheet HTML 6Page - Lineage Power Corporation EBVW017A0X Datasheet HTML 7Page - Lineage Power Corporation EBVW017A0X Datasheet HTML 8Page - Lineage Power Corporation EBVW017A0X Datasheet HTML 9Page - Lineage Power Corporation EBVW017A0X Datasheet HTML 10Page - Lineage Power Corporation EBVW017A0X Datasheet HTML 11Page - Lineage Power Corporation EBVW017A0X Datasheet HTML 12Page - Lineage Power Corporation EBVW017A0X Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
April 11, 2013
EBVW017A0S14R0 Series Power Modules; DC-DC Converters
36-75Vdc Input; 14.0Vdc Output; 17A Output Current
LINEAGE POWER
9
Figure 19. Location of the thermal reference
temperature TH2 for Base Plate module. Do not exceed
110 °C.
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 20. Output Current Derating for the Open
Frame EBVW017A0S14R0 in the Transverse
Orientation; Airflow Direction from Vin(-) to Vin(+);
Vin = 48V.
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 22. Output Current Derating for the Base
Plate EBVW017A0S14R0xx-H and 0.25” heat sink
in the Transverse Orientation; Airflow Direction
from Vin(-) to Vin(+); Vin = 48V.
The output power of the module should not exceed the
rated power for the module as listed in the Ordering
Information table.
Although the maximum temperature of the power modules
is THx, you can limit this temperature to a lower value for
extremely high reliability.
Please refer to the Application Note “Thermal
Characterization Process For Open-Frame Board-Mounted
Power Modules” for a detailed discussion of thermal
aspects including maximum device temperatures.
Heat Transfer via Convection
Increased airflow over the module enhances the heat
transfer via convection. The thermal derating of figures 20
through 22 show the maximum output current that can be
delivered by each module in the indicated orientation
without exceeding the maximum THx temperature versus
local ambient temperature (TA) for air flows of, Natural
Convection, 1 m/s (200 ft./min), 2 m/s (400 ft./min).
Layout Considerations
The EBVW020 power module series are low profile in order
to be used in fine pitch system card architectures. As such,
component clearance between the bottom of the power
module and the mounting board is limited. Avoid placing
copper areas on the outer layer directly underneath the
power module. Also avoid placing via interconnects
underneath the power module.
For additional layout guide-lines, refer to FLT007A0Z Data
Sheet.
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 21. Output Current Derating for the Base Plate
EBVW017A0S14R0xx-H in the Transverse
Orientation; Airflow Direction from Vin(-) to Vin(+);
Vin = 48V.


Similar Part No. - EBVW017A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBVW012A7B LINEAGEPOWER-EBVW012A7B Datasheet
62Kb / 1P
   34 - 75Vdc Input, 12.0 Vdc Output and 12.7A Output Current
EBVW012A7B1Z LINEAGEPOWER-EBVW012A7B1Z Datasheet
62Kb / 1P
   34 - 75Vdc Input, 12.0 Vdc Output and 12.7A Output Current
More results

Similar Description - EBVW017A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com