Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBVW017A0S14R0641Z Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # EBVW017A0S14R0641Z
Description  36-75Vdc Input; 14.0Vdc Output; 17A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EBVW017A0S14R0641Z Datasheet(HTML) 2 Page - Lineage Power Corporation

  EBVW017A0S14R0641Z Datasheet HTML 1Page - Lineage Power Corporation EBVW017A0S14R0641Z Datasheet HTML 2Page - Lineage Power Corporation EBVW017A0S14R0641Z Datasheet HTML 3Page - Lineage Power Corporation EBVW017A0S14R0641Z Datasheet HTML 4Page - Lineage Power Corporation EBVW017A0S14R0641Z Datasheet HTML 5Page - Lineage Power Corporation EBVW017A0S14R0641Z Datasheet HTML 6Page - Lineage Power Corporation EBVW017A0S14R0641Z Datasheet HTML 7Page - Lineage Power Corporation EBVW017A0S14R0641Z Datasheet HTML 8Page - Lineage Power Corporation EBVW017A0S14R0641Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Data Sheet
April 11, 2013
EBVW017A0S14R0 Series Power Modules; DC-DC Converters
36-75Vdc Input; 14.0Vdc Output; 17A Output Current
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute
stress ratings only, functional operation of the device is not implied at these or any other conditions in excess of those
given in the operations sections of the Data Sheet. Exposure to absolute maximum ratings for extended periods can
adversely affect device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage*
Continuous
VIN
-0.3
75
Vdc
Operating transient ≤ 100mS
100
Vdc
Operating Input transient slew rate, 50VIN to 75VIN
(Output may exceed regulation limits, no protective
shutdowns shall activate, CO=220μF to CO, max)
-
-
10
V/µs
Non- operating continuous
VIN
80
100
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(See Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
I/O Isolation Voltage (100% factory Hi-Pot tested)
All
2250
Vdc
* Input over voltage protection will shutdown the output voltage, when the input voltage exceeds threshold level.
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
36
48
75
Vdc
Maximum Input Current
IIN,max
-
-
7
Adc
(VIN=0V to 75V, IO=IO, max)
Input No Load Current
All
IIN,No load
50
mA
(VIN = VIN, nom, IO = 0, module enabled)
Input Stand-by Current
All
IIN,stand-by
25
mA
(VIN = VIN, nom, module disabled)
External Input Capacitance
All
100
-
-
μF
Inrush Transient
All
I
2t
-
-
1
A
2s
Input Terminal Ripple Current
(Measured at module input pin with maximum
specified input capacitance and
500uH inductance
between voltage source and input capacitance
CIN=220uF, 5Hz to 20MHz, VIN= 48V, IO= IOmax)
All
-
900
-
mArms
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 12μH source impedance; VIN= 48V,
IO= IOmax ; see Figure 12)
All
-
24
-
mAp-p
Input Ripple Rejection (120Hz)
All
-
50
-
dB
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to an
integrated part of sophisticated power architecture. To preserve maximum flexibility, internal fusing is not included,
however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies require a
fast-acting fuse with a maximum rating of 15 A (see Safety Considerations section). Based on the information provided in
this Data Sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be used.
Refer to the fuse manufacturer’s Data Sheet for further information.


Similar Part No. - EBVW017A0S14R0641Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBVW012A7B LINEAGEPOWER-EBVW012A7B Datasheet
62Kb / 1P
   34 - 75Vdc Input, 12.0 Vdc Output and 12.7A Output Current
EBVW012A7B1Z LINEAGEPOWER-EBVW012A7B1Z Datasheet
62Kb / 1P
   34 - 75Vdc Input, 12.0 Vdc Output and 12.7A Output Current
More results

Similar Description - EBVW017A0S14R0641Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com