Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR104AU Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # XTR104AU
Description  4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR104AU Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button XTR104AU Datasheet HTML 3Page - Burr-Brown (TI) XTR104AU Datasheet HTML 4Page - Burr-Brown (TI) XTR104AU Datasheet HTML 5Page - Burr-Brown (TI) XTR104AU Datasheet HTML 6Page - Burr-Brown (TI) XTR104AU Datasheet HTML 7Page - Burr-Brown (TI) XTR104AU Datasheet HTML 8Page - Burr-Brown (TI) XTR104AU Datasheet HTML 9Page - Burr-Brown (TI) XTR104AU Datasheet HTML 10Page - Burr-Brown (TI) XTR104AU Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
®
XTR104
BRIDGE BALANCE
Figure 1 shows a bridge trim circuit (R1, R2). This adjust-
ment can be used to compensate for the initial accuracy of
the bridge and/or to trim the offset voltage of the XTR104.
The values of R1 and R2 depend on the impedance of the
bridge, and the trim range required. This trim circuit places
an additional load on the VR output. The effective load of the
trim circuit is nearly equal to R2. Total load on the VR output
terminal must not exceed 2mA. An approximate value for R1
can be calculated:
(3)
Where: RB is the resistance of the bridge.
VTRIM is the desired ±voltage trim range (in V).
Make R
2 equal or lower in value to R1.
Figure 2 shows another way to adjust zero errors using the
output current adjustment pins of the XTR104. This pro-
vides
±500µA (typical) adjustment around the initial low-
scale output current. This is an output current adjustment
that is independent of the input stage gain set with RG. If the
input stage is set for high gain the output current adjustment
may not provide sufficient range.
With V+LIN and V–LIN connected to the bridge output, the
bridge excitation voltage can be made to vary as much as
±0.5V in response to the bridge output voltage. Be sure that
the total load on the V
R output is less than 2mA at the
maximum excitation voltage, VR = 5.5V.
Signal-dependent variation of the bridge excitation voltage
provides a second-order term to the complete transfer func-
tion (including the bridge). This can be tailored to correct for
bridge sensor nonlinearity. Either polarity of nonlinearity
(bowing up or down) can be compensated by proper connec-
tion of the VLIN inputs. Connecting V+LIN to V+IN and V–LIN
to V–IN (Figure 1) causes VR to increase with bridge output
which compensates for a positive bow in the bridge re-
sponse. Reversing the connections (Figure 3) causes VR to
decrease with increasing bridge output, to compensate for
negative-bowing nonlinearity.
To determine the required value for R
LIN you must know the
nonlinearity of the bridge sensor with constant excitation
voltage. The linearization circuitry can only compensate for
the parabolic portion of a sensor’s nonlinearity. Parabolic
nonlinearity has a maximum deviation from linear occurring
at mid-scale (see Figure 4). Sensors with nonlinearity curves
similar to that shown in Figure 4, but not peaking exactly at
mid-scale can be substantially improved. A nonlinearity that
is perfectly “S-shaped” (equal positive and negative
nonlinearity) cannot be corrected with the XTR104. It may,
however, be possible to improve the worst-case nonlinearity
of a sensor by equalizing the positive and negative
nonlinearity.
The nonlinearity, B (in % of full scale), is positive or
negative depending on the direction of the bow. A maximum
of
±2.5% nonlinearity can be corrected. An approximate
value for RLIN can be calculated by:
(5)
Where: KLIN ≈ 24000.
V
FS is the full-scale bridge output (in Volts) with
constant 5V excitation.
B is the parabolic nonlinearity in
±% of full scale.
RLIN in Ω.
Methods for refining this calculation involve determining
the actual value of KLIN for a particular device (explained
later).
B is a signed number (negative for a downward-bowing
nonlinearity). This can produce a negative value for RLIN. In
this case, use the resistor value indicated (ignore the sign),
but connect V+LIN to V–IN and V–LIN to V+IN as shown in
Figure 3.
This approximate calculation of RLIN generally provides
about a 5:1 improvement in bridge nonlinearity.
Example: The bridge sensor depicted by the negative-
bowing curve in Figure 4. Its full scale output is 10mV with
constant 5V excitation. Its maximum nonlinearity, B, is
–1.9% referred to full scale (occurring at mid-scale). Using
equation 5:
R
1
5V • R
B
4• V
TRIM
15
14
XTR104
16
10k
XTR104
5k
5k
16
(a)
(b)
15
14
±500µA typical
output current
adjustment range.
±50µA typical
output current
adjustment range.
FIGURE 2. Low-scale Output Current Adjustment.
R
LIN
=
K
LIN
•V
FS
0. 2 • B
LINEARIZATION
Differential voltage applied to the linearization inputs, V+
LIN
and V–LIN, causes the reference (excitation) voltage, VR, to
vary according to the following equation:
(4)
Where: VLIN is the voltage applied to the V+LIN and V–LIN
differential inputs (in V).
RLIN in Ω.
KLIN ≈ 24000 (approximately ±20% depending on
variations in the fabrication of the XTR104).
V
R
= 5V + V
LIN
K
LIN
R
LIN


Similar Part No. - XTR104AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR104AU/1K TI1-XTR104AU/1K Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
More results

Similar Description - XTR104AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com