Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR110AG Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR110AG
Description  PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR110AG Datasheet(HTML) 1 Page - Burr-Brown (TI)

  XTR110AG Datasheet HTML 1Page - Burr-Brown (TI) XTR110AG Datasheet HTML 2Page - Burr-Brown (TI) XTR110AG Datasheet HTML 3Page - Burr-Brown (TI) XTR110AG Datasheet HTML 4Page - Burr-Brown (TI) XTR110AG Datasheet HTML 5Page - Burr-Brown (TI) XTR110AG Datasheet HTML 6Page - Burr-Brown (TI) XTR110AG Datasheet HTML 7Page - Burr-Brown (TI) XTR110AG Datasheet HTML 8Page - Burr-Brown (TI) XTR110AG Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
• Street Address: 6730 S. Tucson Blvd. • Tucson, AZ 85706
Tel: (520) 746-1111 • Twx: 910-952-1111 • Cable: BBRCORP
• Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
FEATURES
q 4mA TO 20mA TRANSMITTER
q SELECTABLE INPUT/OUTPUT RANGES:
0V to +5V, 0V to +10V Inputs
0mA to 20mA, 5mA to 25mA Outputs
Other Ranges
q 0.005% MAX NONLINEARITY, 14 BIT
q PRECISION +10V REFERENCE OUTPUT
q SINGLE SUPPLY OPERATION
q WIDE SUPPLY RANGE: 13.5V to 40V
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL
q PRESSURE/TEMPERATURE
TRANSMITTERS
q CURRENT-MODE BRIDGE EXCITATION
q GROUNDED TRANSDUCER CIRCUITS
q CURRENT SOURCE REFERENCE FOR
DATA ACQUISITION
q PROGRAMMABLE CURRENT SOURCE
FOR TEST EQUIPMENT
q POWER PLANT/ENERGY SYSTEM
MONITORING
DESCRIPTION
The XTR110 is a precision voltage-to-current con-
verter designed for analog signal transmission. It ac-
cepts inputs of 0 to 5V or 0 to 10V and can be
connected for outputs of 4 to 20mA, 0 to 20mA, 5 to
25mA and many other commonly used ranges.
A precision on-chip metal film resistor network pro-
vides input scaling and current offsetting. An internal
10V voltage reference can be used to drive external
circuitry.
The XTR110 is available in 16-pin plastic DIP, ce-
ramic DIP and SOL-16 surface-mount packages. Com-
mercial and industrial temperature range models are
available.
R
5
A
1
A
2
16
1
13
14
7
6
8
10
9
15
12
11
4
3
5
2
R
7
R
6
R
9
R
4
R
3
R
2
R
1
R
8
+10V
Reference
V
REF Force
V
REF Sense
V
REF Adjust
V
IN1 (10V)
V
REF In
V
IN2 (5V)
Common
+V
CC
Offset
(zero)
Adjust
16mA
Span
4mA
Span
Span
Adjust
Source
Sense
Source
Resistor
Gate
Drive
PRECISION VOLTAGE-TO-CURRENT
CONVERTER/TRANSMITTER
®
XTR110
©1984 Burr-Brown Corporation
PDS-555D
Printed in U.S.A. September, 1993


Similar Part No. - XTR110AG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR110AG TI1-XTR110AG Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
More results

Similar Description - XTR110AG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com