Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBVW020A0B641HZ Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # EBVW020A0B641HZ
Description  36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EBVW020A0B641HZ Datasheet(HTML) 3 Page - Lineage Power Corporation

  EBVW020A0B641HZ Datasheet HTML 1Page - Lineage Power Corporation EBVW020A0B641HZ Datasheet HTML 2Page - Lineage Power Corporation EBVW020A0B641HZ Datasheet HTML 3Page - Lineage Power Corporation EBVW020A0B641HZ Datasheet HTML 4Page - Lineage Power Corporation EBVW020A0B641HZ Datasheet HTML 5Page - Lineage Power Corporation EBVW020A0B641HZ Datasheet HTML 6Page - Lineage Power Corporation EBVW020A0B641HZ Datasheet HTML 7Page - Lineage Power Corporation EBVW020A0B641HZ Datasheet HTML 8Page - Lineage Power Corporation EBVW020A0B641HZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
GE
Data Sheet
EBVW020A0B Barracuda Series; DC-DC Converter Power Modules
36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
July 22, 2013
©2012 General Electric Company. All rights reserved.
Page 3
Electrical Specifications
(continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
(VIN=VIN,nom, IO=10A, TA =25°C)
All
VO, set
11.97
12.00
12.03
Vdc
Output Voltage
(Over all operating input voltage(40V to 75V), resistive load, and
temperature conditions until end of life)
All w/o -P
VO
11.76
12.24
Vdc
-P Option
VO
11.63
12.37
Vdc
Output Voltage (VIN=36V, TA = 25ºC)
All
VO
10.8
Vdc
Output Regulation (VIN, min=40V)
Line (VIN=VIN, min to VIN, max)
All w/o -P
0.2
% VO, set
Load (IO=IO, min to IO, max)
All w/o -P
0.2
% VO, set
Line (VIN=VIN, min to VIN, max)
-P Option
0.5
% VO, set
Load (IO=IO, min to IO, max), Intentional Droop
-P Option
0.50
Vdc
Temperature (TA = -40ºC to +85ºC)
All
2
% VO, set
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max, tested with a 1.0 μF ceramic,
10 μF aluminum and 220μF polymer capacitor across the
load.)
RMS (5Hz to 20MHz bandwidth)
All
70
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
200
mVpk-pk
External Output Capacitance
All
CO
220
10,000
μF
Output Current
All
Io
0
20
Adc
Output Current Limit Inception
All
IO, lim
23
Adc
Efficiency (VIN=VIN, nom, VO= VO,set, TA=25°C)
IO= 100% IO, max
All
η
95.2
%
IO= 55% - 90% IO, max
All
η
95.4
%
Switching Frequency (primary MOSFETs)
(Output Ripple 2X switching frequency)
fsw
150
kHz
Dynamic Load Response
(dIo/dt=1A/10s; Vin=Vin,nom; TA=25°C; tested with a 10 μF
ceramic and 1x 470μF polymer capacitor across the load.)
Load Change from Io= 50% to 75% of Io,max:
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
Vpk
ts
__
750
800
__
mVpk
s
Load Change from Io= 75% to 50% of Io,max:
Peak Deviation
Settling Time (Vo<10% peak deviation)
Vpk
ts
__
__
750
800
__
mVpk
s
Isolation Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
Ciso
1000
pF
Isolation Resistance
Riso
10
MΩ
General Specifications
Parameter
Device
Symbol
Typ
Unit
Calculated Reliability Based upon Telcordia SR-332 Issue 2:
Method
I, Case 1, (IO=80%IO, max, TA=40°C, Airflow = 200 lfm), 90%
confidence
All
MTBF
4,169,213
Hours
All
FIT
239.9
109/Hour
s
Weight – Open Frame
29.5 (1.04)
g (oz.)
Weight – with Baseplate option
39.0 (1.38)
g (oz.)


Similar Part No. - EBVW020A0B641HZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
More results

Similar Description - EBVW020A0B641HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Lineage Power Corporati...
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com