Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESTW006A0B Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # ESTW006A0B
Description  36 - 75Vdc Input; 12V/6Adc Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ESTW006A0B Datasheet(HTML) 2 Page - Lineage Power Corporation

  ESTW006A0B Datasheet HTML 1Page - Lineage Power Corporation ESTW006A0B Datasheet HTML 2Page - Lineage Power Corporation ESTW006A0B Datasheet HTML 3Page - Lineage Power Corporation ESTW006A0B Datasheet HTML 4Page - Lineage Power Corporation ESTW006A0B Datasheet HTML 5Page - Lineage Power Corporation ESTW006A0B Datasheet HTML 6Page - Lineage Power Corporation ESTW006A0B Datasheet HTML 7Page - Lineage Power Corporation ESTW006A0B Datasheet HTML 8Page - Lineage Power Corporation ESTW006A0B Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Data Sheet
November 5, 2012
ESTW006A0B Series Eighth-Brick Power Modules
36 - 75Vdc Input; 12V/6Adc Output
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute
stress ratings only, functional operation of the device is not implied at these or any other conditions in excess of those
given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended periods can
adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage
Continuous
All
VIN
-0.3
80
Vdc
Transient, operational (≤100 ms)
All
VIN,trans
-0.3
100
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
I/O Isolation Voltage (100% factory Hi-Pot tested)
All
2250
Vdc
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
36
48
75
Vdc
Maximum Input Current
All
IIN
2.6
3.0
Adc
(VIN= VIN, min to VIN, max, VO= VO, set, IO=IO, max)
Input No Load Current
All
IIN,No load
80
mA
(VIN = 48V, IO = 0, module enabled)
Input Stand-by Current
All
IIN,stand-by
5
8
mA
(VIN = 48V, module disabled)
Inrush Transient
All
I
2t
0.5
A
2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 1μH source impedance; VIN, min to VIN, max,
IO= IOmax ; See test configuration section)
All
30
mAp-p
Input Ripple Rejection (120Hz)
All
50
dB
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to an
integrated part of sophisticated power architectures. To preserve maximum flexibility, internal fusing is not included;
however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies
require a fast-acting fuse with a maximum rating of 10 A (see Safety Considerations section). Based on the
information provided in this data sheet on inrush energy and maximum DC input current, the same type of fuse with a
lower rating can be used. Refer to the fuse manufacturer’s data sheet for further information.


Similar Part No. - ESTW006A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW004A2C LINEAGEPOWER-ESTW004A2C Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C41-HZ LINEAGEPOWER-ESTW004A2C41-HZ Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C41-SZ LINEAGEPOWER-ESTW004A2C41-SZ Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C41Z LINEAGEPOWER-ESTW004A2C41Z Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C841Z LINEAGEPOWER-ESTW004A2C841Z Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
More results

Similar Description - ESTW006A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com