Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESTW015A0A Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # ESTW015A0A
Description  36-75Vdc Input; 5.0Vdc, 15A, 75W Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ESTW015A0A Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button ESTW015A0A Datasheet HTML 6Page - Lineage Power Corporation ESTW015A0A Datasheet HTML 7Page - Lineage Power Corporation ESTW015A0A Datasheet HTML 8Page - Lineage Power Corporation ESTW015A0A Datasheet HTML 9Page - Lineage Power Corporation ESTW015A0A Datasheet HTML 10Page - Lineage Power Corporation ESTW015A0A Datasheet HTML 11Page - Lineage Power Corporation ESTW015A0A Datasheet HTML 12Page - Lineage Power Corporation ESTW015A0A Datasheet HTML 13Page - Lineage Power Corporation ESTW015A0A Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
GE
Data Sheet
ESTW015A0A Barracuda™ Series; DC-DC Converter Power Modules
36-75Vdc Input; 5.0Vdc, 15A, 75W Output
March 28, 2013
©2012 General Electric Company. All rights reserved.
Page 10
Figure 18. Cold Wall Mounting
COLDPLATE TEMEPERATURE, TC (oC)
Figure 19. Derated Output Current versus Cold Wall
Temperature with local ambient temperature around
module at 85C; VIN =48V.
Through-Hole Soldering Information
Lead-Free Soldering
The ESTW015A0Axx RoHS-compliant through-hole products
use SAC (Sn/Ag/Cu) Pb-free solder and RoHS-compliant
components. They are designed to be processed through
single or dual wave soldering machines. The pins have a
RoHS-compliant finish that is compatible with both Pb and
Pb-free wave soldering processes. A maximum preheat rate
of 3C/s is suggested. The wave preheat process should be
such that the temperature of the power module board is
kept below 210C. For Pb solder, the recommended pot
temperature is 260C, while the Pb-free solder pot is 270C
max.
Paste-in-Hole Soldering
The ESTW015A0Axx module is compatible with reflow paste-
in-hole soldering processes shown in Figures 25-27. Since
the ESTW015A0AxxZ module is not packaged per J-STD-033
Rev.A, the module must be baked prior to the paste-in-hole
reflow process. ESTW015A0Axx-HZ modules are not
compatible with paste-in-hole reflow soldering. Please
contact your GE Sales Representative for further
information.
Surface Mount Information
MSL Rating
The ESTW015A0A-SZ module has a MSL rating of 2a.
Storage and Handling
The recommended storage environment and handling
procedures for moisture-sensitive surface mount packages
is detailed in J-STD-033 Rev. A (Handling,
Surface Mount Information (continued)
Packing, Shipping and Use of Moisture/Reflow Sensitive
Surface Mount Devices). Moisture barrier bags (MBB) with
desiccant are provided for the ESTW015A0Axx-SZ modules.
These sealed packages should not be broken until time of
use. Once the original package is broken, the floor life of the
product at conditions of  30°C and 60% relative humidity
varies according to the MSL rating (see J-STD-033A). The
shelf life for dry packed SMT packages is a minimum of 12
months from the bag seal date, when stored at the following
conditions: < 40° C, < 90% relative humidity
.
Pick and Place
The ESTW015A0A modules use an open frame construction
and are designed for a fully automated assembly process.
The modules are fitted with a label designed to provide a
large surface area for pick and place operations. The label
meets all the requirements for surface mount processing, as
well as safety standards, and is able to withstand reflow
temperatures of up to 300oC. The label also carries product
information such as product code, serial number and the
location of manufacture.
Figure 20. Pick and Place Location.
Nozzle Recommendations
The module weight has been kept to a minimum by using
open frame construction. Even so, these modules have a
relatively large mass when compared to conventional SMT
components. Variables such as nozzle size, tip style,
vacuum pressure and placement speed should be
considered to optimize this process. The minimum
recommended nozzle diameter for reliable operation is
6mm. The maximum nozzle outer diameter, which will safely
fit within the allowable component spacing, is 9 mm.
Oblong or oval nozzles up to 11 x 9 mm may also be used
within the space available.


Similar Part No. - ESTW015A0A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW015A0F41-SZ LINEAGEPOWER-ESTW015A0F41-SZ Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F41-SZ LINEAGEPOWER-ESTW015A0F41-SZ Datasheet
1Mb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F41Z LINEAGEPOWER-ESTW015A0F41Z Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F41Z LINEAGEPOWER-ESTW015A0F41Z Datasheet
1Mb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F61 LINEAGEPOWER-ESTW015A0F61 Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
More results

Similar Description - ESTW015A0A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
EQD075A1 LINEAGEPOWER-EQD075A1 Datasheet
482Kb / 15P
   18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com