Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR106UA Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR106UA
Description  4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR106UA Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button XTR106UA Datasheet HTML 6Page - Burr-Brown (TI) XTR106UA Datasheet HTML 7Page - Burr-Brown (TI) XTR106UA Datasheet HTML 8Page - Burr-Brown (TI) XTR106UA Datasheet HTML 9Page - Burr-Brown (TI) XTR106UA Datasheet HTML 10Page - Burr-Brown (TI) XTR106UA Datasheet HTML 11Page - Burr-Brown (TI) XTR106UA Datasheet HTML 12Page - Burr-Brown (TI) XTR106UA Datasheet HTML 13Page - Burr-Brown (TI) XTR106UA Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
®
XTR106
R
1
5V
• R
B
4
• V
TRIM
EXTERNAL TRANSISTOR
External pass transistor, Q1, conducts the majority of the
signal-dependent 4-20mA loop current. Using an external
transistor isolates the majority of the power dissipation from
the precision input and reference circuitry of the XTR106,
maintaining excellent accuracy.
Since the external transistor is inside a feedback loop its
characteristics are not critical. Requirements are: VCEO = 45V
min,
β = 40 min and P
D = 800mW. Power dissipation require-
ments may be lower if the loop power supply voltage is less
than 36V. Some possible choices for Q1 are listed in Figure 1.
The XTR106 can be operated without an external pass
transistor. Accuracy, however, will be somewhat degraded
due to the internal power dissipation. Operation without Q1
is not recommended for extended temperature ranges. A
resistor (R = 3.3k
Ω) connected between the I
RET pin and the
E (emitter) pin may be needed for operation below 0
°C
without Q1 to guarantee the full 20mA full-scale output,
especially with V+ near 7.5V.
The low operating voltage (7.5V) of the XTR106 allows
operation directly from personal computer power supplies
(12V
±5%). When used with the RCV420 Current Loop
Receiver (Figure 8), load resistor voltage drop is limited to 3V.
BRIDGE BALANCE
Figure 1 shows a bridge trim circuit (R1, R2). This adjust-
ment can be used to compensate for the initial accuracy of
the bridge and/or to trim the offset voltage of the XTR106.
The values of R1 and R2 depend on the impedance of the
bridge, and the trim range required. This trim circuit places
an additional load on the VREF output. Be sure the additional
load on VREF does not affect zero output. See the Typical
Performance Curve, “Under-Scale Current vs IREF + IREG.”
The effective load of the trim circuit is nearly equal to R2.
An approximate value for R1 can be calculated:
(3)
where, RB is the resistance of the bridge.
VTRIM is the desired ±voltage trim range (in V).
Make R2 equal or lower in value to R1.
LINEARIZATION
Many bridge sensors are inherently nonlinear. With the
addition of one external resistor, it is possible to compensate
for parabolic nonlinearity resulting in up to 20:1 improve-
ment over an uncompensated bridge output.
Linearity correction is accomplished by varying the bridge
excitation voltage. Signal-dependent variation of the bridge
excitation voltage adds a second-order term to the overall
transfer function (including the bridge). This can be tailored
to correct for bridge sensor nonlinearity.
Either positive or negative bridge non-linearity errors can be
compensated by proper connection of the Lin Polarity pin.
To correct for positive bridge nonlinearity (upward bowing),
Lin Polarity (pin 12) should be connected to IRET (pin 6) as
shown in Figure 3a. This causes VREF to increase with bridge
output which compensates for a positive bow in the bridge
response. To correct negative nonlinearity (downward bow-
ing), connect Lin Polarity to VREG (pin 1) as shown in Figure
3b. This causes VREF to decrease with bridge output. The Lin
Polarity pin is a high impedance node.
If no linearity correction is desired, both the RLIN and Lin
Polarity pins should be connected to VREG (Figure 3c). This
results in a constant reference voltage independent of input
signal. RLIN or Lin Polarity pins should not be left open
or connected to another potential.
RLIN is the external linearization resistor and is connected
between pin 11 and pin 1 (VREG) as shown in Figures 3a and
3b. To determine the value of RLIN, the nonlinearity of the
bridge sensor with constant excitation voltage must be
known. The XTR106’s linearity circuitry can only compen-
sate for the parabolic-shaped portions of a sensor’s
nonlinearity. Optimum correction occurs when maximum
deviation from linear output occurs at mid-scale (see Figure
4). Sensors with nonlinearity curves similar to that shown in
LOOP POWER SUPPLY
The voltage applied to the XTR106, V+, is measured with
respect to the IO connection, pin 7. V+ can range from 7.5V
to 36V. The loop supply voltage, VPS, will differ from the
voltage applied to the XTR106 according to the voltage drop
on the current sensing resistor, RL (plus any other voltage
drop in the line).
If a low loop supply voltage is used, RL (including the loop
wiring resistance) must be made a relatively low value to
assure that V+ remains 7.5V or greater for the maximum
loop current of 20mA:
(2)
It is recommended to design for V+ equal or greater than
7.5V with loop currents up to 30mA to allow for out-of-
range input conditions. V+ must be at least 8V if 5V sensor
excitation is used and if correcting for bridge nonlinearity
greater than +3%.
R
L max =
(V
+)– 7.5V
20mA
–R
WIRING
8
XTR106
0.01µF
E
I
O
I
RET
V+
10
7
6
R
Q = 3.3kΩ
For operation without external
transistor, connect a 3.3k
resistor between pin 6 and
pin 8. See text for discussion
of performance.
FIGURE 2. Operation without External Transistor.


Similar Part No. - XTR106UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR106UA TI1-XTR106UA Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
XTR106UA/2K5 TI1-XTR106UA/2K5 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
XTR106UA/2K5E4 TI1-XTR106UA/2K5E4 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
XTR106UAG4 TI1-XTR106UAG4 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
More results

Similar Description - XTR106UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR104 BURR-BROWN-XTR104 Datasheet
165Kb / 11P
   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com