Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR116U Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR116U
Description  4-20mA CURRENT LOOP TRANSMITTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR116U Datasheet(HTML) 3 Page - Burr-Brown (TI)

  XTR116U Datasheet HTML 1Page - Burr-Brown (TI) XTR116U Datasheet HTML 2Page - Burr-Brown (TI) XTR116U Datasheet HTML 3Page - Burr-Brown (TI) XTR116U Datasheet HTML 4Page - Burr-Brown (TI) XTR116U Datasheet HTML 5Page - Burr-Brown (TI) XTR116U Datasheet HTML 6Page - Burr-Brown (TI) XTR116U Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
®
XTR115, XTR116
Power Supply, V+ (referenced to IO pin) .......................................... 40V
Input Voltage (referenced to IRET pin) ........................................ 0V to V+
Output Current Limit ............................................................... Continuous
VREG, Short-Circuit .................................................................. Continuous
VREF, Short-Circuit .................................................................. Continuous
Operating Temperature ................................................ –55
°C to +125°C
Storage Temperature Range ....................................... –55
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Junction Temperature ................................................................... +165
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
Top View
SO-8
PIN CONFIGURATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
XTR115UA
SO-8
182
–40
°C to +85°C
XTR115UA
XTR115UA
Rails
""
"
"
"
XTR115UA/2K5
Tape and Reel
XTR115U
SO-8
182
–40
°C to +85°C
XTR115U
XTR115U
Rails
""
"
"
"
XTR115U/2K5
Tape and Reel
XTR116UA
SO-8
182
–40
°C to +85°C
XTR116UA
XTR116UA
Rails
""
"
"
"
XTR116UA/2K5
Tape and Reel
XTR116U
SO-8
182
–40
°C to +85°C
XTR116U
XTR116U
Rails
""
"
"
"
XTR116U/2K5
Tape and Reel
NOTES: (1) Models with a slash (/ ) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces
of “XTR115UA/2K5” will get a single 2500-piece Tape and Reel.
V
REF
I
IN
I
RET
I
O
V
REG
V+
B (Base)
E (Emitter)
1
2
3
4
8
7
6
5


Similar Part No. - XTR116U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR116U TI1-XTR116U Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR116U/2K5 TI1-XTR116U/2K5 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR116U/2K5G4 TI1-XTR116U/2K5G4 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR116UA TI1-XTR116UA Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR116UA/2K5 TI1-XTR116UA/2K5 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
More results

Similar Description - XTR116U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Texas Instruments
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
XTR117 TI1-XTR117_12 Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
logo
Burr-Brown (TI)
XTR112 BURR-BROWN-XTR112 Datasheet
255Kb / 16P
   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Texas Instruments
XTR112 TI1-XTR112 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Protek Devices
420E212 PROTEC-420E212_12 Datasheet
355Kb / 5P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
logo
Murata Manufacturing Co...
EB-LP MURATA-EB-LP Datasheet
95Kb / 2P
   4-20mA Current Loop Application Board for DMS-30LCD Meters
logo
Burr-Brown (TI)
RCV420 BURR-BROWN-RCV420 Datasheet
240Kb / 10P
   Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Protek Devices
420E212 PROTEC-420E212 Datasheet
55Kb / 3P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com