Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A05 Datasheet(PDF) 2 Page - Bytes

Part # 10A05
Description  10.0 AMP SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

10A05 Datasheet(HTML) 2 Page - Bytes

  10A05 Datasheet HTML 1Page - Bytes 10A05 Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (10A005 THRU 10A10)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80 100 120 140
FIG.5 - TYPICAL THERMAL RESISTANCE VS. LEAD LENGTH
25
20
15
10
5
0
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
1
10
100
500
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.8
1.0 1.2 1.4 1.6 1.8 2.0
40
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
12
10
8
6
4
2
Tj=100 C
EQUAL LEAD LENGTH TO HEAT SINK, INCHES
Tj=25 C
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
0
200
300
400
500
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
FIG.1-TYPICAL FORWARD
0
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE,( C)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length


Similar Part No. - 10A05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
10A05 DIODES-10A05 Datasheet
48Kb / 2P
   10A RECTIFIER
DS28010 Rev. B-2
logo
Shanghai Shunye Electro...
10A05 SHUNYE-10A05 Datasheet
99Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
10A05 SEMTECH_ELEC-10A05 Datasheet
81Kb / 1P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
Gaomi Xinghe Electronic...
10A05 GXELECTRONICS-10A05 Datasheet
329Kb / 2P
   GENERAL PURPOSE PLASTICK RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
10A05 KISEMICONDUCTOR-10A05 Datasheet
66Kb / 2P
   CURRENT: PLASTIC SILICON RECTIFIER
More results

Similar Description - 10A05

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
10A05 DGNJDZ-10A05 Datasheet
297Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Bytesonic Electronics C...
10A05 BYTESONIC-10A05 Datasheet
295Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
10A10 YIXIN-10A10 Datasheet
291Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
10A05 GWSEMI-10A05 Datasheet
63Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
SHIKUES Electronics
10A05 SKTECHNOLGY-10A05 Datasheet
820Kb / 2P
   10.0 AMP. Plastic Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1020 UNIOHM-SR1020 Datasheet
71Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10150 SECOS-SP10150 Datasheet
62Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF1020 GWSEMI-SRF1020 Datasheet
72Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com