Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JNCW016A0R41Z Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # JNCW016A0R41Z
Description  36??5 Vdc Input; 28Vdc Output; 16Adc Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JNCW016A0R41Z Datasheet(HTML) 2 Page - Lineage Power Corporation

  JNCW016A0R41Z Datasheet HTML 1Page - Lineage Power Corporation JNCW016A0R41Z Datasheet HTML 2Page - Lineage Power Corporation JNCW016A0R41Z Datasheet HTML 3Page - Lineage Power Corporation JNCW016A0R41Z Datasheet HTML 4Page - Lineage Power Corporation JNCW016A0R41Z Datasheet HTML 5Page - Lineage Power Corporation JNCW016A0R41Z Datasheet HTML 6Page - Lineage Power Corporation JNCW016A0R41Z Datasheet HTML 7Page - Lineage Power Corporation JNCW016A0R41Z Datasheet HTML 8Page - Lineage Power Corporation JNCW016A0R41Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
GE
Data Sheet
JNCW016A0R Orca Series; DC-DC Converter Power Modules
36–75 Vdc Input; 28.0Vdc Output; 16Adc Output
August 14, 2013
©2012 General Electric Company. All rights reserved.
Page 2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations
sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage
Continuous
All
VIN
-0.3
80
Vdc
Transient, operational (≤100 ms)
All
VIN,trans
-0.3
100
Vdc
Operating Ambient Temperature
All
Ta
-40
85
°C
Operating Case Temperature
(See Thermal Considerations section, Figure 17)
All
Tc
-40
100
°C
Storage Temperature
All
Tstg
-55
125
°C
I/O Isolation Voltage: Input to Case, Input to Output
All
1500
Vdc
Output to Case
All
500
Vdc
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
(see Figure 12 for VIN MIN when using trim-up feature)
All
VIN
36
48
75
Vdc
Maximum Input Current
(VIN=36V to 75V, IO=IO, max)
All
IIN,max
14.0
Adc
Inrush Transient
All
I2t
2
A2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 12μH source impedance; VIN=0V to 75V, IO= IOmax ;
see Figure 7)
All
20
mAp-p
Input Ripple Rejection (120Hz)
All
50
dB
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to being an integrated
part of complex power architecture. To preserve maximum flexibility, internal fusing is not included. Always use an input line fuse,
to achieve maximum safety and system protection. The safety agencies require a time-delay or fast-acting fuse with a maximum
rating of 25 A in the ungrounded input connection (see Safety Considerations section). Based on the information provided in this
data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be used. Refer to the
fuse manufacturer’s data sheet for further information.


Similar Part No. - JNCW016A0R41Z

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JNC JBCAPACITORS-JNC Datasheet
607Kb / 3P
   High ripple current
logo
Lineage Power Corporati...
JNC350R41TZ LINEAGEPOWER-JNC350R41TZ Datasheet
707Kb / 16P
   Compliant to RoHS EU Directive 2002/95/EC (-Zversions)
logo
jb Capacitors Company
JNC JBCAPACITORS-JNC_15 Datasheet
264Kb / 3P
   Aluminum Electrolytic Capacitor
More results

Similar Description - JNCW016A0R41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRCW016A0R LINEAGEPOWER-JRCW016A0R Datasheet
1,007Kb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
   36 - 75 Vdc Input; 28Vdc Output; 350W Output
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
logo
Bel Fuse Inc.
SSQE48T07050 BEL-SSQE48T07050 Datasheet
1Mb / 13P
   36-75 VDC Input; 5 VDC @ 7 A Output
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
JRCK017A0S32R0 LINEAGEPOWER-JRCK017A0S32R0 Datasheet
1Mb / 15P
   36??2 Vdc Input; 32Vdc Output; 17Adc Output
logo
Bel Fuse Inc.
SSQE48T13050 BEL-SSQE48T13050 Datasheet
1Mb / 13P
   36-75 VDC Input; 5 VDC @ 13 A, 65 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com