Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JRCK017A0S32R06418Z Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # JRCK017A0S32R06418Z
Description  36??2 Vdc Input; 32Vdc Output; 17Adc Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JRCK017A0S32R06418Z Datasheet(HTML) 3 Page - Lineage Power Corporation

  JRCK017A0S32R06418Z Datasheet HTML 1Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 2Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 3Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 4Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 5Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 6Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 7Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 8Page - Lineage Power Corporation JRCK017A0S32R06418Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
GE
Data Sheet
JRCK017A0S32R0 Orca Series; DC-DC Converter Power Modules
36–62 Vdc Input; 32.0Vdc Output; 17.0Adc Output
October 11, 2013
©2012 General Electric Company. All rights reserved.
Page 3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
(VIN=VIN,nom, IO=IO, max, Tc =25°C)
All
VO, set
31.5
32
32.5
Vdc
Output Voltage Set-Point Total Tolerance
(Over all operating input voltage, resistive load, and
temperature conditions until end of life)
All
VO
31.0
33.0
Vdc
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
0.1
0.2
%Vo,set
Load (IO=IO, min to IO, max)
All
0.1
0.2
%Vo,set
Temperature (Tc = -40ºC to +100ºC)
All
0.02
%/°C
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max)
RMS (5Hz to 20MHz bandwidth)
All
45
55
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
80
200
mVpk-pk
External Capacitance (ESR > 2.5 mΩ)1
All, except -T
CO
440
6500
μF
Without the Tunable Loop (ESRMAX = 80mΩ)1
-T
CO,
440
470
μF
With the Tunable Loop (ESR > 50 mΩ)2
-T
CO
440
10,000
μF
Output Power (Vo=32V to 35.2V)
All
PO,max
544
W
Output Current
All
Io
0
17.0
Adc
Output Current Limit Inception (Constant current until
Vo<
VtrimMIN , duration <4s)
All
IO, lim
18.5
22.0
Adc
Output Short Circuit Current (VO≤ 0.25Vdc)
All
IO, sc
2
Arms
Efficiency
VIN=VIN, nom, Tc=25°C IO=IO, max , VO= VO,set
All
η
95.0
95.1
%
Switching Frequency
fsw
175
kHz
Dynamic Load Response
(Io/t=1.0A/10s; VIN=VIN,nom; Tc=25°C;
Tested with a 470 μF aluminum and a 10 µF ceramic
capacitor across the load.)
Load Change from IO= 25%-50%-25% of IO,max:
Peak Deviation
Settling Time (VO<10% peak deviation)
All
Vpk
ts
2
1.5
%VO, set
ms
Load Change from IO= 50%-75%-50% of IO,max:
Peak Deviation
Settling Time (VO<10% peak deviation)
All
Vpk
ts
2
1.5
%VO, set
ms
(Io/t=2.0A/s; VIN=VIN,nom; TC=25°C;
Tested with a 3x330 μF aluminum and a 10 µF ceramic
capacitor across the load.
AC Load (100Hz, 50% duty cycle) Change from IO= 0%-75%-0%
of IO,max:
Peak Deviation
All
Vpk
ts
4
1.5
%VO, set
ms
Load Change from IO= 75% to 50% of IO,max:
Peak Deviation
Settling Time (VO<10% peak deviation)
All
Vpk
ts
4
1.5
%VO, set
ms
(Io/t=10%IO,max /10s; VIN=VIN,nom; Tc=25°C; Tested with a 3000
μF aluminum and a 10 µF ceramic capacitor across the load,
see Figure 16.
Load Change from IO= 0%-120% of IO,max:
Peak Deviation
Settling Time (VO<10% peak deviation)
All
Vpk
ts
2
1.5
%VO, set
ms
Load Change from Io= 120% to 50% of Io,max:
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
Vpk
ts
2
1.5
%VO, set
ms
1
Note: use a minimum 2 x 220uF output capacitor. Recommended capacitor is Nichicon CD series, 220uF/35V. If the ambient temperature is less
than -20OC, use more than 3 of recommended minimum capacitors.
2
External capacitors may require using the new Tunable Loop feature to ensure that the module is stable as well as getting the best transient
response. See the Tunable Loop section for details.


Similar Part No. - JRCK017A0S32R06418Z

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JRC JBCAPACITORS-JRC Datasheet
233Kb / 2P
   Switch power supply
JRC JBCAPACITORS-JRC Datasheet
335Kb / 4P
   Radial Aluminum Electrolytic Capacitor
logo
List of Unclassifed Man...
JRC-19F ETC1-JRC-19F Datasheet
170Kb / 2P
   COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS
JRC-19F2A12C0.2 ETC1-JRC-19F2A12C0.2 Datasheet
170Kb / 2P
   COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS
JRC-19F2A12C0.51 ETC1-JRC-19F2A12C0.51 Datasheet
170Kb / 2P
   COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS
More results

Similar Description - JRCK017A0S32R06418Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRCW450R LINEAGEPOWER-JRCW450R Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
JNCW016A0R LINEAGEPOWER-JNCW016A0R Datasheet
1Mb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
JRCW016A0R LINEAGEPOWER-JRCW016A0R Datasheet
1,007Kb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
   36 - 75 Vdc Input; 28Vdc Output; 350W Output
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
QSK033A0B41 LINEAGEPOWER-QSK033A0B41 Datasheet
405Kb / 15P
   36 - 60 Vdc Input; 12Vdc Output; 33A Output Current
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
JHW250S30R21-18T LINEAGEPOWER-JHW250S30R21-18T Datasheet
709Kb / 14P
   36 - 75 Vdc Input; 30.2Vdc Output; 250W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com