Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JRCW016A0R64118Z Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # JRCW016A0R64118Z
Description  36??5 Vdc Input; 28Vdc Output; 16Adc Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JRCW016A0R64118Z Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button JRCW016A0R64118Z Datasheet HTML 2Page - Lineage Power Corporation JRCW016A0R64118Z Datasheet HTML 3Page - Lineage Power Corporation JRCW016A0R64118Z Datasheet HTML 4Page - Lineage Power Corporation JRCW016A0R64118Z Datasheet HTML 5Page - Lineage Power Corporation JRCW016A0R64118Z Datasheet HTML 6Page - Lineage Power Corporation JRCW016A0R64118Z Datasheet HTML 7Page - Lineage Power Corporation JRCW016A0R64118Z Datasheet HTML 8Page - Lineage Power Corporation JRCW016A0R64118Z Datasheet HTML 9Page - Lineage Power Corporation JRCW016A0R64118Z Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
GE
Data Sheet
JRCW016A0R Orca Series; DC-DC Converter Power Modules
36–75 Vdc Input; 28.0Vdc Output; 16Adc Output
November 20, 2013
©2012 General Electric Company. All rights reserved.
Page 6
Test Configurations
Note: Measure the input reflected-ripple current with a simulated
source inductance (LTEST) of 12 µH. Capacitor CS offsets possible
battery impedance. Measure the current, as shown above.
Figure 7. Input Reflected Ripple Current Test Setup.
Note: Use a Cout (470 µF Low ESR aluminum or tantalum capacitor
typical), a 0.1 µF ceramic capacitor and a 10 µF ceramic capacitor,
and Scope measurement should be made using a BNC socket.
Position the load between 51 mm and 76 mm (2 in. and 3 in.) from the
module.
Figure 8. Output Ripple and Noise Test Setup.
Note: All measurements are taken at the module terminals. When
socketing, place Kelvin connections at module terminals to avoid
measurement errors due to socket contact resistance.
Figure 9. Output Voltage and Efficiency Test Setup.
Design Considerations
Input Source Impedance
The power module should be connected to a low
ac-impedance source. A highly inductive source impedance
can affect the stability of the power module. For the test
configuration in Figure 7, a 470μF Low ESR aluminum
capacitor, CIN , mounted close to the power module helps
ensure the stability of the unit. Consult the factory for further
application guidelines.
Output Capacitance
The JRCW016A0R power module requires a minimum output
capacitance of 440µF Low ESR aluminum capacitor, Cout to
ensure stable operation over the full range of load and line
conditions, see Figure 8. If the ambient temperature is under -
20C, it is required to use at least 3 pcs of minimum capacitors
in parallel. In general, the process of determining the
acceptable values of output capacitance and ESR is complex
and is load-dependent.
Safety Considerations
For safety-agency approval of the system in which the power
module is used, the power module must be installed in
compliance with the spacing and separation requirements of
the end-use safety agency standard, i.e., UL 60950-1, 2nd Ed.,
CSA No. 60950-1 2nd Ed., and VDE0805-1 EN60950-1, 2nd Ed.
For end products connected to –48V dc, or –60Vdc nominal
DC MAINS (i.e. central office dc battery plant), no further fault
testing is required. *Note: -60V dc nominal battery plants are
not available in the U.S. or Canada.
For all input voltages, other than DC MAINS, where the input
voltage is less than 60V dc, if the input meets all of the
requirements for SELV, then:
The output may be considered SELV. Output voltages will
remain within SELV limits even with internally-generated
non-SELV voltages. Single component failure and fault
tests were performed in the power converters.
One pole of the input and one pole of the output are to
be grounded, or both circuits are to be kept floating, to
maintain the output voltage to ground voltage within ELV
or SELV limits. However, SELV will not be maintained if
VI(+) and VO(+) are grounded simultaneously.


Similar Part No. - JRCW016A0R64118Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRCW450R LINEAGEPOWER-JRCW450R Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
JRCW450R4118Z LINEAGEPOWER-JRCW450R4118Z Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
JRCW450R41TZ LINEAGEPOWER-JRCW450R41TZ Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
JRCW450R41Z LINEAGEPOWER-JRCW450R41Z Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
JRCW450R4Z LINEAGEPOWER-JRCW450R4Z Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
More results

Similar Description - JRCW016A0R64118Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JNCW016A0R LINEAGEPOWER-JNCW016A0R Datasheet
1Mb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
   36 - 75 Vdc Input; 28Vdc Output; 350W Output
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
logo
Bel Fuse Inc.
SSQE48T07050 BEL-SSQE48T07050 Datasheet
1Mb / 13P
   36-75 VDC Input; 5 VDC @ 7 A Output
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
JRCK017A0S32R0 LINEAGEPOWER-JRCK017A0S32R0 Datasheet
1Mb / 15P
   36??2 Vdc Input; 32Vdc Output; 17Adc Output
logo
Bel Fuse Inc.
SSQE48T13050 BEL-SSQE48T13050 Datasheet
1Mb / 13P
   36-75 VDC Input; 5 VDC @ 13 A, 65 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com