Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JRCW016A0R41TZ Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # JRCW016A0R41TZ
Description  36??5 Vdc Input; 28Vdc Output; 16Adc Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JRCW016A0R41TZ Datasheet(HTML) 4 Page - Lineage Power Corporation

  JRCW016A0R41TZ Datasheet HTML 1Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 2Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 3Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 4Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 5Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 6Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 7Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 8Page - Lineage Power Corporation JRCW016A0R41TZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
GE
Data Sheet
JRCW016A0R Orca Series; DC-DC Converter Power Modules
36–75 Vdc Input; 28.0Vdc Output; 16Adc Output
November 20, 2013
©2012 General Electric Company. All rights reserved.
Page 4
General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Calculated Reliability based upon Telcordia SR-332 Issue 3:
Method
I Case 3 (IO=80%IO, max, TA=40°C, airflow = 200 lfm, 90%
confidence)
All
FIT
214.5
109/Hours
MTBF
4,661,316
Hours
Weight
All
68
76.4
84
g
2.40
2.69
2.96
oz.
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See
Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to VIN- terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low - Remote On/Off Current
All
Ion/off
1.0
mA
Logic Low - On/Off Voltage
All
Von/off
0
1.2
Vdc
Logic High Voltage – (Typ = Open Collector)
All
Von/off
5
Vdc
Logic High maximum allowable leakage current
All
Ion/off
50
μA
Turn-On Delay and Rise Times
(Vin=Vin,nom, IO=IO, max, 25C)
Case 1: Tdelay = Time until VO = 10% of VO,set from application of Vin
with Remote On/Off set to ON,
All
Tdelay
120
ms
Case 2: Tdelay = Time until VO = 10% of VO,set from application of
Remote On/Off from Off to On with Vin already applied for at least
one second.
All
Tdelay
20
ms
Trise = time for VO to rise from 10% of VO,set to 90% of VO,set.
All
Trise
30
ms
Output Voltage Overshoot
3
% VO, set
(IO=80% of IO, max, TA=25°C)
Output Voltage Adjustment
(See Feature Descriptions):
Output Voltage Remote-sense Range
(only for No Trim or Trim down application )
All
Vsense
__
__
2
%Vo,nom
Output Voltage Set-point Adjustment Range (trim)
All
Vtrim
16.0
---
35.2
Vdc
Output Overvoltage Protection
All
VO, limit
37
39
Vdc
Over Temperature Protection
(See Feature Descriptions, Figure 17)
All
Tref
105
110
120
°C
Input Under Voltage Lockout
VIN, UVLO
Turn-on Threshold
All
35
36
Vdc
Turn-off Threshold
All
31
32
Vdc
Hysteresis
All
3
Vdc
Input Over voltage Lockout
VIN, OVLO
Turn-on Threshold
All
79.5
81
Vdc
Turn-off Threshold
All
81
83
Vdc
Hysteresis
All
---
3
---
Vdc


Similar Part No. - JRCW016A0R41TZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRCW450R LINEAGEPOWER-JRCW450R Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
JRCW450R4118Z LINEAGEPOWER-JRCW450R4118Z Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
JRCW450R41TZ LINEAGEPOWER-JRCW450R41TZ Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
JRCW450R41Z LINEAGEPOWER-JRCW450R41Z Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
JRCW450R4Z LINEAGEPOWER-JRCW450R4Z Datasheet
1,008Kb / 15P
   36.75 Vdc Input; 32Vdc Output; 450W Output
More results

Similar Description - JRCW016A0R41TZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JNCW016A0R LINEAGEPOWER-JNCW016A0R Datasheet
1Mb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
   36 - 75 Vdc Input; 28Vdc Output; 350W Output
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
logo
Bel Fuse Inc.
SSQE48T07050 BEL-SSQE48T07050 Datasheet
1Mb / 13P
   36-75 VDC Input; 5 VDC @ 7 A Output
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
JRCK017A0S32R0 LINEAGEPOWER-JRCK017A0S32R0 Datasheet
1Mb / 15P
   36??2 Vdc Input; 32Vdc Output; 17Adc Output
logo
Bel Fuse Inc.
SSQE48T13050 BEL-SSQE48T13050 Datasheet
1Mb / 13P
   36-75 VDC Input; 5 VDC @ 13 A, 65 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com