Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JRCW450R41Z Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # JRCW450R41Z
Description  36.75 Vdc Input; 32Vdc Output; 450W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JRCW450R41Z Datasheet(HTML) 4 Page - Lineage Power Corporation

  JRCW450R41Z Datasheet HTML 1Page - Lineage Power Corporation JRCW450R41Z Datasheet HTML 2Page - Lineage Power Corporation JRCW450R41Z Datasheet HTML 3Page - Lineage Power Corporation JRCW450R41Z Datasheet HTML 4Page - Lineage Power Corporation JRCW450R41Z Datasheet HTML 5Page - Lineage Power Corporation JRCW450R41Z Datasheet HTML 6Page - Lineage Power Corporation JRCW450R41Z Datasheet HTML 7Page - Lineage Power Corporation JRCW450R41Z Datasheet HTML 8Page - Lineage Power Corporation JRCW450R41Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
GE
Data Sheet
JRCW450R Orca Series; DC-DC Converter Power Modules
36–75 Vdc Input; 32.0Vdc Output; 450W Output
May 8, 2013
©2012 General Electric Company. All rights reserved.
Page 4
General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Calculated Reliability based upon Telcordia SR-332 Issue 3:
Method
I Case 3 (IO=80%IO, max, TA=40°C, airflow = 200 lfm, 90%
confidence)
All
FIT
214.5
109/Hours
MTBF
4,661,316
Hours
Weight
All
76.4
g
2.69
oz.
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See
Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to VIN- terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low - Remote On/Off Current
All
Ion/off
1.0
mA
Logic Low - On/Off Voltage
All
Von/off
0
1.2
Vdc
Logic High Voltage – (Typ = Open Collector)
All
Von/off
5
Vdc
Logic High maximum allowable leakage current
All
Ion/off
50
μA
Turn-On Delay and Rise Times
(Vin=Vin,nom, IO=IO, max, 25C)
Case 1: Tdelay = Time until VO = 10% of VO,set from application of Vin
with Remote On/Off set to ON,
All
Tdelay
120
ms
Case 2: Tdelay = Time until VO = 10% of VO,set from application of
Remote On/Off from Off to On with Vin already applied for at least
one second.
All
Tdelay
20
ms
Trise = time for VO to rise from 10% to 90% of VO,set.
All,
except -T
Trise
50
ms
All with -T
110
ms
Output Voltage Overshoot
3
% VO, set
(IO=80% of IO, max, TA=25°C)
Output Voltage Adjustment
(See Feature Descriptions):
Output Voltage Remote-sense Range
(only for No Trim or Trim down application )
All
Vsense
__
__
2
%Vo,nom
Output Voltage Set-point Adjustment Range
(trim)
All
Vtrim
16.0
---
35.2
Vdc
Output Overvoltage Protection
All
VO, limit
37
40
Vdc
Over Temperature Protection
All
Tref
110
°C
(See Feature Descriptions, Figure 17)
Input Under Voltage Lockout
VIN, UVLO
Turn-on Threshold
All
35
36
Vdc
Turn-off Threshold
All
31
32
Vdc
Hysteresis
All
3
Vdc
Input Over voltage Lockout
VIN, OVLO
Turn-on Threshold
All
79.5
81
Vdc
Turn-off Threshold
All
81
83
Vdc
Hysteresis
All
---
3
---
Vdc


Similar Part No. - JRCW450R41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
JRCW450U64118Z LINEAGEPOWER-JRCW450U64118Z Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
JRCW450U6418TZ LINEAGEPOWER-JRCW450U6418TZ Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
JRCW450U6418Z LINEAGEPOWER-JRCW450U6418Z Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
JRCW450U641TZ LINEAGEPOWER-JRCW450U641TZ Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
More results

Similar Description - JRCW450R41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRCK017A0S32R0 LINEAGEPOWER-JRCK017A0S32R0 Datasheet
1Mb / 15P
   36??2 Vdc Input; 32Vdc Output; 17Adc Output
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
logo
DENSEI-LAMBDA
RWS15A LAMBDA-RWS15A Datasheet
309Kb / 4P
   Single output 15W ~ 450W
logo
Mean Well Enterprises C...
SE-450_1109 MEANWELL-SE-450_1109 Datasheet
315Kb / 2P
   450W Single Output Power Supply
MSP-450 MEANWELL-MSP-450 Datasheet
98Kb / 3P
   450W Single Output Medical Type
SE-450_0903 MEANWELL-SE-450_0903 Datasheet
998Kb / 2P
   450W Single Output Power Supply
SE-450 MEANWELL-SE-450 Datasheet
846Kb / 2P
   450W Single Output Power Supply
logo
Wall Industries,Inc.
IBS55 WALL-IBS55 Datasheet
130Kb / 3P
   6000 VDC Input/Output Isolation
logo
Lineage Power Corporati...
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
JNCW016A0R LINEAGEPOWER-JNCW016A0R Datasheet
1Mb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com