Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBVW006A0B Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # KBVW006A0B
Description  36??5Vdc Input; 12.0Vdc Output; 6A Output Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KBVW006A0B Datasheet(HTML) 2 Page - Lineage Power Corporation

  KBVW006A0B Datasheet HTML 1Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 2Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 3Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 4Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 5Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 6Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 7Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 8Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
GE
Data Sheet
KBVW006A0B Series Sixteenth-Brick Power Modules
36–75Vdc Input; 12.0Vdc Output; 6A Output Current
July 9, 2013
©2012 General Electric Company. All rights reserved.
Page 2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations
sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage
Continuous
All
VIN
-0.3
80
Vdc
Transient, operational (≤100 ms)
All
VIN,trans
-0.3
100
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
I/O Isolation voltage (100% factory Hi-Pot tested)
All
2250
Vdc
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
36
48
75
Vdc
Maximum Input Current
All
IIN,max
2.8
Adc
(VIN= VIN, min to VIN, max, IO=IO, max)
Input No Load Current
All
IIN,No load
45
mA
(VIN = 48V, IO = 0, module enabled)
Input Stand-by Current
All
IIN,stand-by
8
10
mA
(VIN = 48V, module disabled)
Inrush Transient
All
I2t
0.5
A2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 1μH source impedance; VIN, min to VIN, max, IO= IOmax ;
See Test configuration section)
All
30
mAp-p
Input Ripple Rejection (120Hz)
All
50
dB
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to an integrated part
of sophisticated power architectures. To preserve maximum flexibility, internal fusing is not included, however, to achieve
maximum safety and system protection, always use an input line fuse. The safety agencies require a fast-acting fuse with a
maximum rating of 5 A (see Safety Considerations section). Based on the information provided in this data sheet on inrush energy
and maximum dc input current, the same type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data sheet
for further information.


Similar Description - KBVW006A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
HC010A0F1-S LINEAGEPOWER-HC010A0F1-S Datasheet
520Kb / 19P
   18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com