Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBVW006A0B Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # KBVW006A0B
Description  36??5Vdc Input; 12.0Vdc Output; 6A Output Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KBVW006A0B Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button KBVW006A0B Datasheet HTML 2Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 3Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 4Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 5Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 6Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 7Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 8Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 9Page - Lineage Power Corporation KBVW006A0B Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
GE
Data Sheet
KBVW006A0B Series Sixteenth-Brick Power Modules
36–75Vdc Input; 12.0Vdc Output; 6A Output Current
July 9, 2013
©2012 General Electric Company. All rights reserved.
Page 6
Test Configurations
TO OSCILLOSCOPE
CURRENT PROBE
L
TES T
12μH
CS
220μF
E.S.R.<0.1
@ 20°C 100kHz
33-100μF
Vin+
Vin-
NOTE: Measure input reflected ripple current with a simulated
source inductance (LTEST) of 12μH. Capacitor CS offsets
possible battery impedance. Measure current as shown
above.
Figure 7. Input Reflected Ripple Current Test Setup.
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
VO (+)
V O (–)
RESISTIVE
LOAD
SCOPE
COPPER STRIP
GROUND PLANE
10uF
1uF
Figure 8. Output Ripple and Noise Test Setup.
Vout+
Vout-
Vin+
Vin-
RLOAD
Rcontact
Rdistribution
Rcontact
Rdistribution
Rcontact
Rcontact
Rdistribution
Rdistribution
VIN
VO
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
Figure 9. Output Voltage and Efficiency Test Setup.
 =
VO. IO
VIN. IIN
x 100 %
Efficiency
Design Considerations
Input Filtering
The power module should be connected to a low
ac-impedance source. Highly inductive source
impedance can affect the stability of the power module.
For the test configuration in Figure 7 a 33-100μF
electrolytic capacitor (ESR<0.7 at 100kHz), mounted
close to the power module helps ensure the stability of
the unit. Consult the factory for further application
guidelines.
Safety Considerations
For safety-agency approval of the system in which the
power module is used, the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standard, i.e.
UL60950-1, CSA C22.2 No.60950-1, and VDE0805-
1(IEC60950-1).
If the input source is non-SELV (ELV or a hazardous
voltage greater than 60 Vdc and less than or equal to
75Vdc), for the module’s output to be considered as
meeting the requirements for safety extra-low voltage
(SELV), all of the following must be true:
The input source is to be provided with reinforced
insulation from any other hazardous voltages,
including the ac mains.
One VIN pin and one VOUT pin are to be grounded, or
both the input and output pins are to be kept
floating.
The input pins of the module are not operator
accessible.
Another SELV reliability test is conducted on the
whole system (combination of supply source and
subject module), as required by the safety agencies,
to verify that under a single fault, hazardous
voltages do not appear at the module’s output.
Note: Do not ground either of the input pins of the
module without grounding one of the output
pins. This may allow a non-SELV voltage to
appear between the output pins and ground.
The power module has extra-low voltage (ELV) outputs
when all inputs are ELV.
All flammable materials used in the manufacturing of
these modules are rated 94V-0, or tested to the UL60950
A.2 for reduced thickness.
For input voltages exceeding 60 Vdc but less than or
equal to 75 Vdc, these converters have been evaluated to
the applicable requirements of BASIC INSULATION
between secondary DC MAINS DISTRIBUTION input
(classified as TNV-2 in Europe) and unearthed SELV
outputs.
The input to these units is to be provided with a
maximum 5 A fast-acting fuse in the ungrounded input
lead.
Feature Description
Remote On/Off
Two remote on/off options are available. Positive logic
turns the module on during a logic high voltage on the


Similar Description - KBVW006A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
HC010A0F1-S LINEAGEPOWER-HC010A0F1-S Datasheet
520Kb / 19P
   18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com