Electronic Components Datasheet Search |
|
KBVW006A0B41Z Datasheet(PDF) 2 Page - Lineage Power Corporation |
|
KBVW006A0B41Z Datasheet(HTML) 2 Page - Lineage Power Corporation |
2 / 20 page GE Data Sheet KBVW006A0B Series Sixteenth-Brick Power Modules 36–75Vdc Input; 12.0Vdc Output; 6A Output Current July 9, 2013 ©2012 General Electric Company. All rights reserved. Page 2 Absolute Maximum Ratings Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability. Parameter Device Symbol Min Max Unit Input Voltage Continuous All VIN -0.3 80 Vdc Transient, operational (≤100 ms) All VIN,trans -0.3 100 Vdc Operating Ambient Temperature All TA -40 85 °C (see Thermal Considerations section) Storage Temperature All Tstg -55 125 °C I/O Isolation voltage (100% factory Hi-Pot tested) All 2250 Vdc Electrical Specifications Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. Parameter Device Symbol Min Typ Max Unit Operating Input Voltage All VIN 36 48 75 Vdc Maximum Input Current All IIN,max 2.8 Adc (VIN= VIN, min to VIN, max, IO=IO, max) Input No Load Current All IIN,No load 45 mA (VIN = 48V, IO = 0, module enabled) Input Stand-by Current All IIN,stand-by 8 10 mA (VIN = 48V, module disabled) Inrush Transient All I2t 0.5 A2s Input Reflected Ripple Current, peak-to-peak (5Hz to 20MHz, 1μH source impedance; VIN, min to VIN, max, IO= IOmax ; See Test configuration section) All 30 mAp-p Input Ripple Rejection (120Hz) All 50 dB CAUTION: This power module is not internally fused. An input line fuse must always be used. This power module can be used in a wide variety of applications, ranging from simple standalone operation to an integrated part of sophisticated power architectures. To preserve maximum flexibility, internal fusing is not included, however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies require a fast-acting fuse with a maximum rating of 5 A (see Safety Considerations section). Based on the information provided in this data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data sheet for further information. |
Similar Description - KBVW006A0B41Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |