Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBVW006A0B41Z Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # KBVW006A0B41Z
Description  36??5Vdc Input; 12.0Vdc Output; 6A Output Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KBVW006A0B41Z Datasheet(HTML) 3 Page - Lineage Power Corporation

  KBVW006A0B41Z Datasheet HTML 1Page - Lineage Power Corporation KBVW006A0B41Z Datasheet HTML 2Page - Lineage Power Corporation KBVW006A0B41Z Datasheet HTML 3Page - Lineage Power Corporation KBVW006A0B41Z Datasheet HTML 4Page - Lineage Power Corporation KBVW006A0B41Z Datasheet HTML 5Page - Lineage Power Corporation KBVW006A0B41Z Datasheet HTML 6Page - Lineage Power Corporation KBVW006A0B41Z Datasheet HTML 7Page - Lineage Power Corporation KBVW006A0B41Z Datasheet HTML 8Page - Lineage Power Corporation KBVW006A0B41Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
GE
Data Sheet
KBVW006A0B Series Sixteenth-Brick Power Modules
36–75Vdc Input; 12.0Vdc Output; 6A Output Current
July 9, 2013
©2012 General Electric Company. All rights reserved.
Page 3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Nominal Output Voltage Set-point
VIN= 48V IO=IO, max, TA=25°C)
All
VO, set
11.67
12.0
12.25
Vdc
Output Voltage
All
VO
11.64
12.36
Vdc
(Over all operating input voltage, resistive load, and
temperature conditions until end of life)
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
±0.2
% VO, set
Load (IO=IO, min to IO, max)
All
±0.2
% VO, set
Temperature (Tref=TA, min to TA, max)
All
±1.0
% VO, set
Output Ripple and Noise
(Co=1uF,ceramic+10uF,tantalum,VIN=VIN, min to VIN, max, IO= IO, max ,
TA=TA, min to TA, max)
RMS (5Hz to 20MHz bandwidth)
All
40
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
120
mVpk-pk
External Capacitance1
All
CO, max
0
2,000
μF
Output Current
All
Io
0
6
Adc
Output Current Limit Inception (Hiccup Mode )
All
IO, lim
105
120
140
% Io
(VO= 90% of VO, set)
Output Short-Circuit Current
All
IO, s/c
2.5
Arms
(VO≤250mV) ( Hiccup Mode )
Efficiency
VIN=48V, TA=25°C, IO=IO, max , VO= VO,set
All
η
91.0
%
Switching Frequency
All
fsw
350
kHz
Dynamic Load Response
(Co=1uF,ceramic+10uF,tantalum,dIo/dt=0.1A/s; VIN = 48V;
TA=25°C)
Load Change from Io= 50% to 75% or 25% to 50% of Io,max
Peak Deviation
All
Vpk
360
mV
Settling Time (Vo<10% peak deviation)
All
ts
200
s
1.
See Note 2 under Feature Specifications.
Isolation Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
All
Ciso
1000
pF
Isolation Resistance
All
Riso
10
MΩ
I/O Isolation Voltage (100% factory Hi-pot tested)
All
All
2250
Vdc
General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Calculated Reliability based upon Telcordia SR-332 Issue 3:
Method
I Case 3 (IO=80%IO, max, TA=40°C, airflow = 200 lfm, 90%
confidence)
All
FIT
89.8
109/Hours
All
MTBF
11,133,281
Hours
Weight (Open Frame)
All
13 (0.46)
g (oz.)
Weight (with Heatplate)
All
21 (0.74)
g (oz)


Similar Description - KBVW006A0B41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
HC010A0F1-S LINEAGEPOWER-HC010A0F1-S Datasheet
520Kb / 19P
   18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com