Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JRCW450R4118Z Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # JRCW450R4118Z
Description  36.75 Vdc Input; 32Vdc Output; 450W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JRCW450R4118Z Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button JRCW450R4118Z Datasheet HTML 7Page - Lineage Power Corporation JRCW450R4118Z Datasheet HTML 8Page - Lineage Power Corporation JRCW450R4118Z Datasheet HTML 9Page - Lineage Power Corporation JRCW450R4118Z Datasheet HTML 10Page - Lineage Power Corporation JRCW450R4118Z Datasheet HTML 11Page - Lineage Power Corporation JRCW450R4118Z Datasheet HTML 12Page - Lineage Power Corporation JRCW450R4118Z Datasheet HTML 13Page - Lineage Power Corporation JRCW450R4118Z Datasheet HTML 14Page - Lineage Power Corporation JRCW450R4118Z Datasheet HTML 15Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
GE
Data Sheet
JRCW450R Orca Series; DC-DC Converter Power Modules
36–75 Vdc Input; 32.0Vdc Output; 450W Output
May 8, 2013
©2012 General Electric Company. All rights reserved.
Page 11
Figure 17. Case (TREF ) Temperature Measurement Location
(top view).
Thermal Derating
Thermal derating is presented for two different applications:
1) Figure 18, the JRCW450R module is thermally coupled to a
cold plate inside a sealed clamshell chassis, without any
internal air circulation; and 2) Figure 19, 20 and 21, the
JRCW450R module is mounted in a traditional open chassis or
cards with forced air flow. In application 1, the module is
cooled entirely by conduction of heat from the module
primarily through the top surface to a cold plate, with some
conduction through the module’s pins to the power layers in
the system board. For application 2, the module is cooled by
heat removal into a forced airflow that passes through the
interior of the module and over the top base plate and/or
attached heatsink.
Cold plate (inside surface) temperature (ºC)
Figure 18. Output Power Derating for JRCW450R in
Conduction cooling (cold plate) applications; Ta <70ºC
adjacent to module; VIN = VIN,NOM
Ambient Temperature, TA (oC)
Figure 19. Derating Output Current vs. local Ambient
temperature and Airflow, No Heatsink, Vin=48V, airflow
from Vi(-) to Vi(+).
Ambient Temperature, TA (oC)
Figure 20. Derating Output Current vs. local Ambient
temperature and Airflow, 0.5” Heatsink, Vin=48V, airflow
from Vi(-) to Vi(+).
Ambient Temperature, TA (oC)
Figure 21. Derating Output Current vs. local Ambient
temperature and Airflow, 1.0” Heatsink, Vin=48V, airflow
from Vi(-) to Vi(+).


Similar Part No. - JRCW450R4118Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
JRCW450U64118Z LINEAGEPOWER-JRCW450U64118Z Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
JRCW450U6418TZ LINEAGEPOWER-JRCW450U6418TZ Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
JRCW450U6418Z LINEAGEPOWER-JRCW450U6418Z Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
JRCW450U641TZ LINEAGEPOWER-JRCW450U641TZ Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
More results

Similar Description - JRCW450R4118Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRCK017A0S32R0 LINEAGEPOWER-JRCK017A0S32R0 Datasheet
1Mb / 15P
   36??2 Vdc Input; 32Vdc Output; 17Adc Output
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
logo
DENSEI-LAMBDA
RWS15A LAMBDA-RWS15A Datasheet
309Kb / 4P
   Single output 15W ~ 450W
logo
Mean Well Enterprises C...
SE-450_1109 MEANWELL-SE-450_1109 Datasheet
315Kb / 2P
   450W Single Output Power Supply
MSP-450 MEANWELL-MSP-450 Datasheet
98Kb / 3P
   450W Single Output Medical Type
SE-450_0903 MEANWELL-SE-450_0903 Datasheet
998Kb / 2P
   450W Single Output Power Supply
SE-450 MEANWELL-SE-450 Datasheet
846Kb / 2P
   450W Single Output Power Supply
logo
Wall Industries,Inc.
IBS55 WALL-IBS55 Datasheet
130Kb / 3P
   6000 VDC Input/Output Isolation
logo
Lineage Power Corporati...
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
JNCW016A0R LINEAGEPOWER-JNCW016A0R Datasheet
1Mb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com