Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBVW006A0B641Z Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # KBVW006A0B641Z
Description  36??5Vdc Input; 12.0Vdc Output; 6A Output Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KBVW006A0B641Z Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button KBVW006A0B641Z Datasheet HTML 6Page - Lineage Power Corporation KBVW006A0B641Z Datasheet HTML 7Page - Lineage Power Corporation KBVW006A0B641Z Datasheet HTML 8Page - Lineage Power Corporation KBVW006A0B641Z Datasheet HTML 9Page - Lineage Power Corporation KBVW006A0B641Z Datasheet HTML 10Page - Lineage Power Corporation KBVW006A0B641Z Datasheet HTML 11Page - Lineage Power Corporation KBVW006A0B641Z Datasheet HTML 12Page - Lineage Power Corporation KBVW006A0B641Z Datasheet HTML 13Page - Lineage Power Corporation KBVW006A0B641Z Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
GE
Data Sheet
KBVW006A0B Series Sixteenth-Brick Power Modules
36–75Vdc Input; 12.0Vdc Output; 6A Output Current
July 9, 2013
©2012 General Electric Company. All rights reserved.
Page 10
Surface Mount Information
Pick and Place
The modules use an open frame construction and are
designed for a fully automated assembly process. The
modules are fitted with a label designed to provide a
large surface area for pick and place operations. The
label meets all the requirements for surface mount
processing, as well as safety standards, and is able to
withstand reflow temperatures of up to 300oC. The label
also carries product information such as product code,
serial number and the location of manufacture.
Figure 17. Pick and Place Location.
Nozzle Recommendations
The module weight has been kept to a minimum by
using open frame construction. Even so, these modules
have a relatively large mass when compared to
conventional SMT components. Variables such as nozzle
size, tip style, vacuum pressure and placement speed
should be considered to optimize this process. The
minimum recommended nozzle diameter for reliable
operation is 6mm. The maximum nozzle outer diameter,
which will safely fit within the allowable component
spacing, is 9 mm.
Oblong or oval nozzles up to 11 x 9 mm may also be
used within the space available.
Tin Lead Soldering
The power modules are lead free modules and can be
soldered either in a lead-free solder process or in a
conventional Tin/Lead (Sn/Pb) process. It is
recommended that the customer review data sheets in
order to customize the solder reflow profile for each
application board assembly. The following instructions
must be observed when soldering these units. Failure to
observe these instructions may result in the failure of or
cause damage to the modules, and can adversely affect
long-term reliability.
In a conventional Tin/Lead (Sn/Pb) solder process peak
reflow temperatures are limited to less than 235oC (see
Fig 18). Typically, the eutectic solder melts at 183oC,
wets the land, and subsequently wicks the device
connection. Sufficient time must be allowed to fuse the
plating on the connection to ensure a reliable solder
joint. There are several types of SMT reflow technologies
currently used in the industry. These surface mount
power modules can be reliably soldered using natural
forced convection, IR (radiant infrared), or a combination
of convection/IR. For reliable soldering the solder reflow
profile should be established by accurately measuring
the modules CP connector temperatures.
REFLOW TIME (S)
Figure 18. Reflow Profile for Tin/Lead (Sn/Pb) process
Figure 19. Time Limit Curve Above 205oC for Tin/Lead
(Sn/Pb) process
Lead Free Soldering
The –Z version of the modules are lead-free (Pb-free) and
RoHS compliant and are both forward and backward
compatible in a Pb-free and a SnPb soldering process.
Failure to observe the instructions below may result in
the failure of or cause damage to the modules and can
adversely affect long-term reliability.
Pb-free Reflow Profile
Power Modules (with the exception of modules that
come with heat plate option –H) will comply with J-STD-
020 Rev. C (Moisture/Reflow Sensitivity Classification for
Nonhermetic Solid State Surface Mount Devices) for both
Pb-free solder profiles and MSL classification procedures.
This standard provides a recommended forced-air-
convection reflow profile based on the volume and
thickness of the package (Table 4-2). The suggested Pb-
free solder paste is Sn/Ag/Cu (SAC). The recommended
linear reflow profile using Sn/Ag/Cu solder is shown in
Figure 21.
0
50
100
150
200
250
300
Preheat zo ne
max 4oCs-1
Soak zone
30-240s
Heat zo ne
max 4oCs-1
Peak Temp 235oC
Coo ling
zone
1-4oCs-1
T
lim above
205oC
200
205
210
215
220
225
230
235
240
0
10
203040
5060


Similar Description - KBVW006A0B641Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
HC010A0F1-S LINEAGEPOWER-HC010A0F1-S Datasheet
520Kb / 19P
   18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com