Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBVW006A0B841Z Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # KBVW006A0B841Z
Description  36??5Vdc Input; 12.0Vdc Output; 6A Output Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KBVW006A0B841Z Datasheet(HTML) 1 Page - Lineage Power Corporation

  KBVW006A0B841Z Datasheet HTML 1Page - Lineage Power Corporation KBVW006A0B841Z Datasheet HTML 2Page - Lineage Power Corporation KBVW006A0B841Z Datasheet HTML 3Page - Lineage Power Corporation KBVW006A0B841Z Datasheet HTML 4Page - Lineage Power Corporation KBVW006A0B841Z Datasheet HTML 5Page - Lineage Power Corporation KBVW006A0B841Z Datasheet HTML 6Page - Lineage Power Corporation KBVW006A0B841Z Datasheet HTML 7Page - Lineage Power Corporation KBVW006A0B841Z Datasheet HTML 8Page - Lineage Power Corporation KBVW006A0B841Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
GE
Data Sheet
July 9, 2013
©2012 General Electric Company. All rights reserved.
KBVW006A0B Series (Sixteenth-Brick) DC-DC Converter Power Modules
36–75Vdc Input; 12.0Vdc Output; 6A Output Current
BARRACUDA* SERIES
Features
Wide input voltage range: 36-75 Vdc
Monotonic startup into prebiased load
Output Voltage adjust: 80% to 110% of Vo,nom
Remote sense
Constant switching frequency
Positive remote On/Off logic
Input under/over voltage protection
Output overcurrent and overvoltage protection
Over-temperature protection
Industry standard, DOSA compliant footprint
33.0 mm x 22.9 mm x 9.3 mm
(1.30 x 0.90 x 0.366 in)
Low profile height and reduced component skyline
High efficiency: 91.0%
Wide operating temperature range (-40°C to 85°C)
Compliant to RoHS EU Directive 2002/95/EC (-Z versions)
Compliant to ROHS EU Directive 2002/95/EC with lead
solder exemption (non-Z versions)
Compliant to IPC-9592A (May 2010), Category 2, Class II
UL# 60950-1, 2nd Ed. Recognized, CSAC22.2 No.
60950-1-07 Certified, and VDE(EN60950-1, 2nd Ed.)
Licensed
CE mark meets 2006/95/EC directive§
Meets the voltage and current requirements for ETSI
300-132-2 and complies with and licensed for Basic
insulation rating per EN60950-1
2250 Vdc Isolation tested in compliance with IEEE 802.3¤
PoE standards
ISO**9001 and ISO 14001 certified manufacturing
facilities
Applications
Distributed Power Architectures
Wireless Networks
Access and Optical Network Equipment
Industrial Equipment
Options
Negative Remote On/Off logic (preferred)
Over current/Over temperature/Over voltage protections
(Auto-restart) (preferred)
Surface Mount version (-S)
Heat Plate version (-H)
For additional options, see Table 2 (Device Options) under
“Ordering Information” section.
Description
The KBVW006A0B, Sixteenth-brick low-height power module is an isolated dc-dc converters that can deliver up to 6A of output
current and provide a precisely regulated output voltage of 12.0V over a wide range of input voltages (VIN = 36 - 75Vdc). The
modules achieve typical full load efficiency of 91%. The open frame modules construction, available in both surface-mount and
through-hole packaging, enable designers to develop cost and space efficient solutions.
* Trademark of General Electric Company
# UL
is a registered trademark of Underwriters Laboratories, Inc.
CSA
is a registered trademark of Canadian Standards Association.
VDE
is a trademark of Verband Deutscher Elektrotechniker e.V.
§ This product is intended for integration into end-user equipment. All of the required procedures of end-use equipment should be followed.
¤ IEEE and 802 are registered trademarks of the Institute of Electrical and Electronics Engineers, Incorporated.
** ISO is a registered trademark of the International Organization of Standards
RoHS Compliant


Similar Description - KBVW006A0B841Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
HC010A0F1-S LINEAGEPOWER-HC010A0F1-S Datasheet
520Kb / 19P
   18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com