Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBVW006A0B41HZ Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # KBVW006A0B41HZ
Description  36??5Vdc Input; 12.0Vdc Output; 6A Output Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KBVW006A0B41HZ Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button KBVW006A0B41HZ Datasheet HTML 4Page - Lineage Power Corporation KBVW006A0B41HZ Datasheet HTML 5Page - Lineage Power Corporation KBVW006A0B41HZ Datasheet HTML 6Page - Lineage Power Corporation KBVW006A0B41HZ Datasheet HTML 7Page - Lineage Power Corporation KBVW006A0B41HZ Datasheet HTML 8Page - Lineage Power Corporation KBVW006A0B41HZ Datasheet HTML 9Page - Lineage Power Corporation KBVW006A0B41HZ Datasheet HTML 10Page - Lineage Power Corporation KBVW006A0B41HZ Datasheet HTML 11Page - Lineage Power Corporation KBVW006A0B41HZ Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
GE
Data Sheet
KBVW006A0B Series Sixteenth-Brick Power Modules
36–75Vdc Input; 12.0Vdc Output; 6A Output Current
July 9, 2013
©2012 General Electric Company. All rights reserved.
Page 8
Pre-Bias Startup
The module starts up monotonically into pre-biased load
from 0.0Vdc up to Vout - 0.6Vdc.
Output Reverse Current with Pre-Bias Output
Voltage
The module does not sink appreciable current (current
flow into the module) that can compromise the reliability
of the product. This condition is valid for either during
startup or shutdown over the output pre-bias voltage
range of 0.0Vdc up to Vout -0.6Vdc. The test conditions for
startup or shutdown are applicable for application and
removal of input voltage, Vin or by enabling and disabling
the module via remote On/Off.
Output Voltage Programming
Trimming allows the output voltage set point to be
increased or decreased, this is accomplished by
connecting an external resistor between the TRIM pin
and either the VO(+) pin or the VO(-) pin.
VO(+)
VOTRIM
VO(-)
Rtrim-down
LOAD
VIN(+)
ON/OFF
VIN(-)
Rtrim-up
Figure 12. Circuit Configuration to Trim Output
Voltage.
Connecting an external resistor (Rtrim-down) between the
TRIM pin and the VO(-) (or Sense(-)) pin decreases the
output voltage set point. To maintain set point accuracy,
the trim resistor tolerance should be ±1.0%.
The following equation determines the required external
resistor value to obtain a percentage output voltage
change of ∆%



22
.
10
%
511
down
trim
R
Where
100
%
,
,
set
o
desired
set
o
V
V
V
For example, to trim-down the output voltage of the
module by 8% to 11.04V, Rtrim-down is calculated as
follows:
8
%



22
.
10
8
511
down
trim
R

655
.
53
down
trim
R
Connecting an external resistor (Rtrim-up) between the
TRIM pin and the VO(+) (or Sense (+)) pin increases the
output voltage set point. The following equation
determines the required external resistor value to obtain
a percentage output voltage change of ∆%:

22
.
10
%
511
%
225
.
1
%)
100
(
11
.
5
, set
o
up
trim
V
R
Where
100
%
,
,
set
o
set
o
desired
V
V
V
For example, to trim-up the output voltage of the module
by 5% to 12.6V, Rtrim-up is calculated is as follows:
5
%



22
.
10
5
511
5
225
.
1
)
5
100
(
0
.
12
11
.
5
up
trim
R

8
.
938
up
trim
R
The voltage between the VO(+) and VO(–) terminals must
not exceed the minimum output overvoltage protection
value shown in the Feature Specifications table. This limit
includes any increase in voltage due to remote-sense
compensation and output voltage set-point adjustment
trim.
Although the output voltage can be increased by both
the remote sense and by the trim, the maximum
increase for the output voltage is not the sum of both.
The maximum increase is the larger of either the remote
sense or the trim. The amount of power delivered by the
module is defined as the voltage at the output terminals
multiplied by the output current. When using remote
sense and trim, the output voltage of the module can be
increased, which at the same output current would
increase the power output of the module. Care should be
taken to ensure that the maximum output power of the
module remains at or below the maximum rated power
(Maximum rated power = VO,set x IO,max).
Thermal Considerations
The power modules operate in a variety of thermal
environments; however, sufficient cooling should be
provided to help ensure reliable operation.
Considerations include ambient temperature, airflow,
module power dissipation, and the need for increased
reliability. A reduction in the operating temperature of
the module will result in an increase in reliability. The
thermal data presented here is based on physical
measurements taken in a wind tunnel.
The thermal reference point, Tref, used in the
specifications for open frame modules is shown in Figure
13. For reliable operation this temperature should not
exceed 125oC.


Similar Description - KBVW006A0B41HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
HC010A0F1-S LINEAGEPOWER-HC010A0F1-S Datasheet
520Kb / 19P
   18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com