Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSTW010A0F41Z Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # KSTW010A0F41Z
Description  36-75Vdc Input; 3.3Vdc, 10A Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KSTW010A0F41Z Datasheet(HTML) 2 Page - Lineage Power Corporation

  KSTW010A0F41Z Datasheet HTML 1Page - Lineage Power Corporation KSTW010A0F41Z Datasheet HTML 2Page - Lineage Power Corporation KSTW010A0F41Z Datasheet HTML 3Page - Lineage Power Corporation KSTW010A0F41Z Datasheet HTML 4Page - Lineage Power Corporation KSTW010A0F41Z Datasheet HTML 5Page - Lineage Power Corporation KSTW010A0F41Z Datasheet HTML 6Page - Lineage Power Corporation KSTW010A0F41Z Datasheet HTML 7Page - Lineage Power Corporation KSTW010A0F41Z Datasheet HTML 8Page - Lineage Power Corporation KSTW010A0F41Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
GE
Data Sheet
KSTW010A0F Barracuda* Series; DC-DC Converter Power Modules
36-75Vdc Input; 3.3Vdc, 10A Output
September 26, 2013
©2013 General Electric Corporation. All rights reserved.
Page 2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations
sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage (Continuous)
All
VIN
-0.3
80
Vdc
Transient (100ms)
All
VIN, trans
-0.3
100
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
Altitude*
All
4000
m
I/O Isolation Voltage (100% factory Hi-Pot tested)
All
2250
Vdc
* For higher altitude applications, contact your GE Sales Representative for alternative conditions of use.
Electrical Specifications
Unless otherwise indicated, specifications apply at VIN = 48Vdc, resistive load, and TA = 25°C conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
36
48
75
Vdc
Input No Load Current
All
IIN,No load
35
mA
(VIN = 48Vdc IO = 0A, module enabled)
Input Stand-by Current
All
IIN,stand-by
6
mA
(VIN = 36 to 48Vdc, module disabled)
Maximum Input Current (VIN=36Vdc, IO= IO,MAX)
All
IIN, MAX
1.2
Adc
Inrush Transient
All
I2t
0.05
A2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 12μH source impedance; VIN=0V to 75Vdc, IO= IOmax ;
see Test configuration section)
All
30
mAp-p
Input Ripple Rejection (120Hz)
All
60
dB
EMC, EN55022
See EMC Considerations section
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to being part of
complex power architecture. To preserve maximum flexibility, internal fusing is not included; however, to achieve maximum safety
and system protection, always use an input line fuse. The safety agencies require a fast-acting fuse with a maximum rating of 3A
(see Safety Considerations section). Based on the information provided in this data sheet on inrush energy and maximum dc input
current, the same type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data sheet for further information.


Similar Part No. - KSTW010A0F41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KSTW015A0F41SRZ LINEAGEPOWER-KSTW015A0F41SRZ Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KSTW015A0F41Z LINEAGEPOWER-KSTW015A0F41Z Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
More results

Similar Description - KSTW010A0F41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com