Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBVW006A0B41SRZ Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # KBVW006A0B41SRZ
Description  36??5Vdc Input; 12.0Vdc Output; 6A Output Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KBVW006A0B41SRZ Datasheet(HTML) 4 Page - Lineage Power Corporation

  KBVW006A0B41SRZ Datasheet HTML 1Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 2Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 3Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 4Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 5Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 6Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 7Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 8Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
GE
Data Sheet
KBVW006A0B Series Sixteenth-Brick Power Modules
36–75Vdc Input; 12.0Vdc Output; 6A Output Current
July 9, 2013
©2012 General Electric Company. All rights reserved.
Page 4
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See
Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to VIN- terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low - Remote On/Off Current
All
Ion/off
0.15
mA
Logic Low - On/Off Voltage
All
Von/off
-0.7
0.6
Vdc
Logic High Voltage – (Typ = Open Collector)
All
Von/off
2.4
15
Vdc
Logic High maximum leakage current
All
Ion/off
25
μA
Turn-On Delay1 and Rise Times
(IO=IO, max , VIN=VIN, nom, TA = 25oC)
Case 1: Input power is applied for at least 1 second
and then the On/Off input is set from OFF to ON (Tdelay = from
instant at which On/Off signal is ON until VO = 10% of VO, set).
All
Tdelay
20
msec
Case 2: On/Off input is set to Logic Low (Module
ON) and then input power is applied (Tdelay from
instant at which VIN = VIN, min until Vo=10% of VO,set)
All
Tdelay
150
msec
Output voltage Rise time (time for Vo to rise from 10%
of Vo,set to 90% of Vo, set)
All
Trise
5
12
msec
Output voltage overshoot – Startup
All
3
% VO, set
IO= IO, max; VIN=VIN, min to VIN, max, TA = 25 oC
Prebiased Output Load Performance:
All
Monotonic
Output Start up characteristic
Back Bias current drawn from output (Module Enabled)
All
-50
mAdc
Back Bias current drawn from output (Module Disabled)
All
-50
mAdc
Remote Sense Range
All
VSENSE
10
% VO, set
Output Voltage Adjustment Range
All
80
110
% VO, set
Output Overvoltage Protection
All
VO, limit
13.8
16.5
Vdc
Overtemperature Protection – Hiccup Auto Restart
All
Tref
135
O
C
Input Undervoltage Lockout
All
VUVLO
Turn-on Threshold
32
34.5
Vdc
Turn-off Threshold
27.5
30
Vdc
Hysteresis
1
2
Vdc
1.
The module has an adaptable extended Turn-On Delay interval, Tdelay, of 25mS. The extended Tdelay will occur when the module restarts following either: 1)
the rapid cycling of Vin from normal levels to less than the Input Undervoltage Lockout (which causes module shutdown), and then back to normal; or 2)
toggling the on/off signal from on to off and back to on without removing the input voltage. The normal Turn-On Delay interval, Tdelay, will occur whenever a
module restarts with input voltage removed from the module for the preceding 1 second.
2.
The module requires a minimum of 220 μF external output capacitor to prevent shutdown during no load to full load transients and to avoid exceeding the
OVP maximum limits during startup into open loop fault conditions.


Similar Description - KBVW006A0B41SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
HC010A0F1-S LINEAGEPOWER-HC010A0F1-S Datasheet
520Kb / 19P
   18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com