Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBVW006A0B41SRZ Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # KBVW006A0B41SRZ
Description  36??5Vdc Input; 12.0Vdc Output; 6A Output Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KBVW006A0B41SRZ Datasheet(HTML) 5 Page - Lineage Power Corporation

  KBVW006A0B41SRZ Datasheet HTML 1Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 2Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 3Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 4Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 5Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 6Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 7Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 8Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
GE
Data Sheet
KBVW006A0B Series Sixteenth-Brick Power Modules
36–75Vdc Input; 12.0Vdc Output; 6A Output Current
July 9, 2013
©2012 General Electric Company. All rights reserved.
Page 5
Characteristic Curves
The following figures provide typical characteristics for the module at 25oC. The figures are identical for either positive or negative
remote On/Off logic.
OUTPUT CURRENT, IO (A)
TIME, t (200µs/div)
Figure 1. Converter Efficiency versus Output Current.
Figure 4. Transient Response to 0.1A/µS Dynamic Load Change
from 50% to 75% to 50% of full load, Vin=48V.
TIME, t (2s/div)
TIME, t (5ms/div)
Figure 2. Typical output ripple and noise (Io = Io,max).
Figure 5. Typical Start-up Using Remote On/Off, negative logic
version shown (VIN = 48V, Io = Io,max).
TIME, t (200µs/div)
TIME, t (20ms/div)
Figure 3. Transient Response to 0.1A/µS Dynamic Load
Change from 25% to 50% to 25% of full load, Vin=48V.
Figure 6. Typical Start-up Using Input Voltage (VIN = 48V, Io =
Io,max).


Similar Description - KBVW006A0B41SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
HC010A0F1-S LINEAGEPOWER-HC010A0F1-S Datasheet
520Kb / 19P
   18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com