Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBVW006A0B41SRZ Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # KBVW006A0B41SRZ
Description  36??5Vdc Input; 12.0Vdc Output; 6A Output Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KBVW006A0B41SRZ Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button KBVW006A0B41SRZ Datasheet HTML 7Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 8Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 9Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 10Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 11Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 12Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 13Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 14Page - Lineage Power Corporation KBVW006A0B41SRZ Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
GE
Data Sheet
KBVW006A0B Series Sixteenth-Brick Power Modules
36–75Vdc Input; 12.0Vdc Output; 6A Output Current
July 9, 2013
©2012 General Electric Company. All rights reserved.
Page 11
Figure 20. Recommended linear reflow profile using
Sn/Ag/Cu solder.
Through-Hole Lead-Free Soldering
Information
The RoHS-compliant, Z option, through-hole products
use the SAC (Sn/Ag/Cu) Pb-free solder and RoHS-
compliant components. They are designed to be
processed through single or dual wave soldering
machines. The pins have a RoHS-compliant, pure tin
finish that is compatible with both Pb and Pb-free wave
soldering processes. A maximum preheat rate of 3C/s is
suggested. The wave preheat process should be such
that the temperature of the power module board is kept
below 210C. For Pb solder, the recommended pot
temperature is 260C, while the Pb-free solder pot is
270C max.
Reflow Lead-Free Soldering Information
The RoHS-compliant through-hole products (with the
exception of modules that come with heat plate option –
H) can be processed with the following paste-through-
hole Pb or Pb-free reflow process.
Max. sustain temperature:
245C (J-STD-020C Table 4-2: Packaging
Thickness>=2.5mm / Volume > 2000mm3),
Peak temperature over 245C is not suggested due to
the potential reliability risk of components under
continuous high-temperature.
Min. sustain duration above 217C: 90 seconds
Min. sustain duration above 180C: 150 seconds
Max. heat up rate: 3C/sec
Max. cool down rate: 4C/sec
In compliance with JEDEC J-STD-020C spec for 2 times
reflow requirement.
Pb-free Reflow Profile
BMP module (with the exception of modules that come
with heat plate option –H) will comply with J-STD-020
Rev. C (Moisture/Reflow Sensitivity Classification for
Nonhermetic Solid State Surface Mount Devices) for both
Pb-free solder profiles and MSL classification
procedures. BMP will comply with JEDEC J-STD-020C
specification for 3 times reflow requirement. The
suggested Pb-free solder paste is Sn/Ag/Cu (SAC). The
recommended linear reflow profile using Sn/Ag/Cu
solder is shown in Figure 21.
Time
Ramp up
max. 3°C/Sec
Ramp down
max. 4°C/Sec
Time Limited 90 Sec.
above 217°C
Preheat time
100-150 Sec.
Peak Temp. 240 -245°C
25°C
150°C
200°C
217°C
Figure 21. Recommended linear reflow profile using
Sn/Ag/Cu solder.
MSL Rating
The modules have a MSL rating of 2a.
Storage and Handling
The recommended storage environment and handling
procedures for moisture-sensitive surface mount
packages is detailed in J-STD-033 Rev. A (Handling,
Packing, Shipping and Use of Moisture/Reflow Sensitive
Surface Mount Devices). Moisture Barrier Bags (MBB)
with desiccant are required for MSL ratings of 2 or
greater. These sealed packages should not be broken
until time of use. Once the original package is broken,
the floor life of the product at conditions of  30°C and
60% relative humidity varies according to the MSL rating
(see J-STD-033A). The shelf life for dry packed SMT
packages will be a minimum of 12 months from the bag
seal date, when stored at the following conditions: < 40°
C, < 90% relative humidity.
Post Solder Cleaning and Drying
Considerations
Post solder cleaning is usually the final circuit-board
assembly process prior to electrical board testing. The
result of inadequate cleaning and drying can affect both
the reliability of a power module and the testability of
the finished circuit-board assembly. For guidance on
appropriate soldering, cleaning and drying procedures,
refer to Lineage Power Board
Mounted Power Modules: Soldering and Cleaning
Application Note (AN04-001)


Similar Description - KBVW006A0B41SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
HC010A0F1-S LINEAGEPOWER-HC010A0F1-S Datasheet
520Kb / 19P
   18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com