Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSTW010A0F41SRZ Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # KSTW010A0F41SRZ
Description  36-75Vdc Input; 3.3Vdc, 10A Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KSTW010A0F41SRZ Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button KSTW010A0F41SRZ Datasheet HTML 3Page - Lineage Power Corporation KSTW010A0F41SRZ Datasheet HTML 4Page - Lineage Power Corporation KSTW010A0F41SRZ Datasheet HTML 5Page - Lineage Power Corporation KSTW010A0F41SRZ Datasheet HTML 6Page - Lineage Power Corporation KSTW010A0F41SRZ Datasheet HTML 7Page - Lineage Power Corporation KSTW010A0F41SRZ Datasheet HTML 8Page - Lineage Power Corporation KSTW010A0F41SRZ Datasheet HTML 9Page - Lineage Power Corporation KSTW010A0F41SRZ Datasheet HTML 10Page - Lineage Power Corporation KSTW010A0F41SRZ Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
GE
Data Sheet
KSTW010A0F Barracuda* Series; DC-DC Converter Power Modules
36-75Vdc Input; 3.3Vdc, 10A Output
September 26, 2013
©2013 General Electric Corporation. All rights reserved.
Page 7
Feature Description
Remote On/Off
Two remote on/off options are available. Positive logic turns
the module on during a logic high voltage on the on/off pin,
and off during a logic low. Negative logic remote on/off, device
code suffix “1”, turns the module off during a logic high and on
during a logic low.
ON/OFF
Vin+
Vin-
Ion/off
Von/off
Vout+
TRIM
Vout-
Figure 10. Circuit configuration for using Remote On/Off
Implementation.
To turn the power module on and off, the user must supply a
switch (open collector or equivalent) to control the voltage
(Von/off) between the ON/OFF terminal and the VIN(-) terminal.
Logic low is 0V ≤ Von/off ≤ 0.8V. The maximum Ion/off during a
logic low is 0.15mA, the switch should be maintain a logic low
level whilst sinking this current.
During a logic high, the typical Von/off generated by the module
is 4.0V, and the maximum allowable leakage current at Von/off =
4.0V is 25μA.
If not using the remote on/off feature:
For positive logic, leave the ON/OFF pin open.
For negative logic, short the ON/OFF pin to VIN(-).
Overcurrent Protection
To provide protection in a fault (output overload) condition, the
unit is equipped with internal current-limiting circuitry and can
endure current limiting continuously. At the point of
current-limit inception, the unit enters hiccup mode. If the unit
is not configured with auto–restart, then it will latch off
following the over current condition. The module can be
restarted by cycling the dc input power or by toggling the
remote on/off signal. If the unit is configured with the auto-
restart option (4), it will remain in the hiccup mode as long as
the overcurrent condition exists; it operates normally, once the
output current is brought back into its specified range.
Overtemperature Protection
To provide protection under certain fault conditions, the unit is
equipped with a thermal shutdown circuit. The unit will shut
down if the thermal reference point Tref (Figure 16), exceeds
135oC (typical), but the thermal shutdown is not intended as a
guarantee that the unit will survive temperatures beyond its
rating. The module will automatically restart upon cool-down
to a safe temperature.
Input Undervoltage Lockout
At input voltages below the input undervoltage lockout limit,
the module operation is disabled. The module will only begin to
operate once the input voltage is raised above the
undervoltage lockout turn-on threshold, VUV/ON.
Once operating, the module will continue to operate until the
input voltage is taken below the undervoltage turn-off
threshold, VUV/OFF.
Over Voltage Protection
The output overvoltage protection shall consist of circuitry that
independently monitors the output voltage, and shuts the
module down if the output voltage exceeds specified limits.
This protection feature latches in the event of over voltage
across the output. Cycling the on/off pin or input voltage resets
the latching protection feature. If the auto-restart option (4) is
ordered, the module will automatically restart upon an
internally programmed time elapsing.
Output Voltage Programming
Trimming allows the user to increase or decrease the output
voltage set point of the module. This is accomplished by
connecting an external resistor between the TRIM pin and
either the Vout+ pin or the Vout- pin.
Trim Down – Decrease Output Voltage
By connecting an external resistor (Radj-down) between the
TRIM pin and VO(-) or SENSE(-) pin (see figure 11), the output
voltage set point decreases. The following equation
determines the external resistor value to obtain an output
voltage change from Vo,set to the desired Vo,desired:


k
R
down
adj
22
.
10
%
511
Where
100
%
,
,
,
set
o
desired
o
set
o
V
V
V
Figure 11. Circuit Configuration to Decrease Output Voltage.
Trim Up – Increase Output Voltage
By connecting an external resistor (Radj-up) between the TRIM
pin and VO(+) or SENSE(+) pin (see figure 12), the output voltage
set point increases. The following equation determines the
external resistor value to obtain an output voltage change
from Vo,set to the desired Vo,desired:


Similar Part No. - KSTW010A0F41SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KSTW015A0F41SRZ LINEAGEPOWER-KSTW015A0F41SRZ Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
KSTW015A0F41Z LINEAGEPOWER-KSTW015A0F41Z Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
More results

Similar Description - KSTW010A0F41SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com