Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBDW025A0B41Z Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # QBDW025A0B41Z
Description  36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBDW025A0B41Z Datasheet(HTML) 2 Page - Lineage Power Corporation

  QBDW025A0B41Z Datasheet HTML 1Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 2Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 3Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 4Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 5Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 6Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 7Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 8Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
GE
Data Sheet
QBDW025A0B Barracuda Series; DC-DC Converter Power Modules
36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
May 9, 2013
©2012 General Electric Company. All rights reserved.
Page 2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations
sections of the Data Sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage*
Continuous
VIN
-0.3
75
Vdc
Operating transient ≤ 100mS
100
Vdc
Non- operating continuous
VIN
80
100
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(See Thermal Considerations section)
Logic Pin Voltage (to SIG_GND or VO(-))
TRIM/C1, C2, ADDR0, ADDR1, CLK, DATA, SMBALERT
All
Vpin
-0.3
3.6
Vdc
Storage Temperature
All
Tstg
55
125
°C
I/O Isolation Voltage (100% factory Hi-Pot tested)
All
2250
Vdc
* Input over voltage protection will shutdown the output voltage when the input voltage exceeds threshold level.
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
36
48
75
Vdc
Maximum Input Current
IIN,max
-
-
12
Adc
(VIN=0V to 75V, IO=IO, max)
Input No Load Current
All
IIN,No load
80
mA
(VIN = VIN, nom, IO = 0, module enabled)
Input Stand-by Current
All
IIN,stand-by
22
mA
(VIN = VIN, nom, module disabled)
External Input Capacitance
All
100
-
-
μF
Inrush Transient
All
I2t
-
-
1
A2s
Input Terminal Ripple Current
(Measured at module input pin with maximum specified input
capacitance and
500uH inductance between voltage source
and input capacitance)
5Hz to 20MHz, VIN= 48V, IO= IOmax
All
-
350
-
mArms
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 12μH source impedance; VIN= 48V, IO=
IOmax ; see Figure 10)
All
-
40
-
mAp-p
Input Ripple Rejection (120Hz)
All
-
25
-
dB
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to an integrated part
of sophisticated power architecture. To preserve maximum flexibility, internal fusing is not included, however, to achieve maximum
safety and system protection, always use an input line fuse. The safety agencies require a fast-acting fuse with a maximum rating
of 30 A (see Safety Considerations section). Based on the information provided in this Data Sheet on inrush energy and maximum
dc input current, the same type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s Data Sheet for further
information.


Similar Part No. - QBDW025A0B41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBDW033A0B41-HZ LINEAGEPOWER-QBDW033A0B41-HZ Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41-PHZ LINEAGEPOWER-QBDW033A0B41-PHZ Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41Z LINEAGEPOWER-QBDW033A0B41Z Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
More results

Similar Description - QBDW025A0B41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com