Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBDW025A0B41Z Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # QBDW025A0B41Z
Description  36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBDW025A0B41Z Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button QBDW025A0B41Z Datasheet HTML 2Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 3Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 4Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 5Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 6Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 7Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 8Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 9Page - Lineage Power Corporation QBDW025A0B41Z Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
GE
Data Sheet
QBDW025A0B Barracuda Series; DC-DC Converter Power Modules
36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
May 9, 2013
©2012 General Electric Company. All rights reserved.
Page 6
Characteristic Curves
The following figures provide typical characteristics for the QBDW025A0B (12V, 25A) at 25ºC. The figures are identical for either
positive or negative Remote On/Off logic.
INPUT VOLTAGE, VO (V)
OUTPUT CURRENT, IO (A)
Figure 1. Typical Input Characteristic.
Figure 2. Typical Converter Efficiency vs. Output
Current.
TIME, t (2s/div)
TIME, t (500 μs/div)
Figure 3. Typical Output Ripple and Noise, Io = Io,max.
Figure 4. Typical Transient Response to 0.1A/µs Step
Change in Load from 50% to 75% to 50% of Full Load,
Co=470µF and 48 Vdc Input.
TIME, t (20 ms/div)
TIME, t (5 ms/div)
Figure 5. Typical Start-Up Using Vin with Remote On/Off
enabled, negative logic version shown.
Figure 6. Typical Start-Up Using Remote On/Off with Vin
applied, negative logic version shown.


Similar Part No. - QBDW025A0B41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBDW033A0B41-HZ LINEAGEPOWER-QBDW033A0B41-HZ Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41-PHZ LINEAGEPOWER-QBDW033A0B41-PHZ Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41Z LINEAGEPOWER-QBDW033A0B41Z Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
More results

Similar Description - QBDW025A0B41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com