Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBVE078A0S10R441HZ Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # QBVE078A0S10R441HZ
Description  45-56Vdc Input; 10.4Vdc, 78.0A, 810W Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBVE078A0S10R441HZ Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button QBVE078A0S10R441HZ Datasheet HTML 5Page - Lineage Power Corporation QBVE078A0S10R441HZ Datasheet HTML 6Page - Lineage Power Corporation QBVE078A0S10R441HZ Datasheet HTML 7Page - Lineage Power Corporation QBVE078A0S10R441HZ Datasheet HTML 8Page - Lineage Power Corporation QBVE078A0S10R441HZ Datasheet HTML 9Page - Lineage Power Corporation QBVE078A0S10R441HZ Datasheet HTML 10Page - Lineage Power Corporation QBVE078A0S10R441HZ Datasheet HTML 11Page - Lineage Power Corporation QBVE078A0S10R441HZ Datasheet HTML 12Page - Lineage Power Corporation QBVE078A0S10R441HZ Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
GE
Data Sheet
QBVE078A0S10R4 Barracuda Series; DC-DC Converter Power Modules
45-56Vdc Input; 10.4Vdc, 78.0A, 810W Output
January 15, 2014
©2012 General Electric Company. All rights reserved.
Page 9
Feature Descriptions (continued)
Thermal Considerations
The power modules operate in a variety of thermal
environments and sufficient cooling should be provided to
help ensure reliable operation.
Thermal considerations include ambient temperature,
airflow, module power dissipation, and the need for
increased reliability. A reduction in the operating
temperature of the module will result in an increase in
reliability. The thermal data presented here is based on
physical measurements taken in a wind tunnel.
Heat-dissipating components are mounted on the top side
of the module. Heat is removed by conduction, convection
and radiation to the surrounding environment. Proper
cooling can be verified by measuring the thermal reference
temperature (TH2).
Figure 16. Location of the thermal reference temperature
TH2 for base plate module.
Peak temperature occurs at the position indicated in Figure
16. For reliable operation this temperature should not
exceed TH2=115°C. For extremely high reliability you can
limit this temperature to a lower value. The output power of
the module should not exceed the rated power for the
module as listed in the Ordering Information table.
Heat Transfer via Convection
The thermal data presented here is based on physical
measurements taken in a wind tunnel, using automated
thermo-couple instrumentation to monitor key component
temperatures: FETs, diodes, control ICs, magnetic cores,
ceramic capacitors, opto-isolators, and module pwb
conductors, while controlling the ambient airflow rate and
temperature. For a given airflow and ambient temperature,
the module output power is increased, until one (or more) of
the components reaches its maximum derated operating
temperature, as defined in IPC-9592B. This procedure is then
repeated for a different airflow or ambient temperature until
a family of module output derating curves is obtained.
Please refer to the Application Note “Thermal
Characterization Process For Open-Frame Board-Mounted
Power Modules” for a detailed discussion of thermal aspects
including maximum device temperatures.
Figure 17. Thermal Test Setup .
Increased airflow over the module enhances the heat
transfer via convection. The thermal derating of figure 18-
25 shows the maximum output current that can be
delivered by each module in the indicated orientation
without exceeding the maximum THx temperature versus
local ambient temperature (TA) for several air flow
conditions.


Similar Part No. - QBVE078A0S10R441HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVE060A0S10R4 LINEAGEPOWER-QBVE060A0S10R4 Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 60.0A, 625W Output
QBVE060A0S10R441PHZ LINEAGEPOWER-QBVE060A0S10R441PHZ Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 60.0A, 625W Output
QBVE060A0S10R441PZ LINEAGEPOWER-QBVE060A0S10R441PZ Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 60.0A, 625W Output
QBVE060A0S10R461HZ LINEAGEPOWER-QBVE060A0S10R461HZ Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 60.0A, 625W Output
More results

Similar Description - QBVE078A0S10R441HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVE060A0S10R4 LINEAGEPOWER-QBVE060A0S10R4 Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 60.0A, 625W Output
logo
Bel Fuse Inc.
0RQB-X0S11X BEL-0RQB-X0S11X Datasheet
1Mb / 19P
   45-58 VDC Input
logo
Power-One
UPM-EA POWER-ONE-UPM-EA Datasheet
93Kb / 4P
   Programmable-Output, 45 Watts
logo
Rohm
BD4XXS2-C ROHM-BD4XXS2-C Datasheet
1Mb / 39P
   For Automotive 45 V Input 200 mA Fixed Output LDO Regulators
09.Sep.2022 Rev.001
BD7XXL05G-C ROHM-BD7XXL05G-C Datasheet
3Mb / 42P
   For Automotive 45 V Input 50 mA Fixed Output LDO Regulators
29.Mar.2022 Rev.001
BD4XXS5-C ROHM-BD4XXS5-C Datasheet
2Mb / 41P
   For Automotive 45 V Input 500 mA Fixed Output LDO Regulators
26.Oct.2022 Rev.002
BD7XXL05G-C ROHM-BD7XXL05G-C_V01 Datasheet
3Mb / 42P
   For Automotive 45 V Input 50 mA Fixed Output LDO Regulators
18.Nov.2022 Rev.002
logo
Bel Fuse Inc.
QM48T45 BEL-QM48T45 Datasheet
2Mb / 35P
   36-75 VDC Input; 1.0 - 3.3 VDC @ 45 A Output (150 W)
logo
Recom International Pow...
RACD45-A RECOM-RACD45-A Datasheet
97Kb / 2P
   45 Watt PFC Single Output
logo
SL Power Electronics
MINT1045 SLPOWER-MINT1045 Datasheet
522Kb / 3P
   45 W Single Output Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com