Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBVS050A0B Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # QBVS050A0B
Description  52-60Vdc Input; 12.0Vdc, 50.0A, 600W Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBVS050A0B Datasheet(HTML) 3 Page - Lineage Power Corporation

  QBVS050A0B Datasheet HTML 1Page - Lineage Power Corporation QBVS050A0B Datasheet HTML 2Page - Lineage Power Corporation QBVS050A0B Datasheet HTML 3Page - Lineage Power Corporation QBVS050A0B Datasheet HTML 4Page - Lineage Power Corporation QBVS050A0B Datasheet HTML 5Page - Lineage Power Corporation QBVS050A0B Datasheet HTML 6Page - Lineage Power Corporation QBVS050A0B Datasheet HTML 7Page - Lineage Power Corporation QBVS050A0B Datasheet HTML 8Page - Lineage Power Corporation QBVS050A0B Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
GE
Data Sheet
QBVS050A0B Barracuda Series; DC-DC Converter Power Modules
52-60Vdc Input; 12.0Vdc, 50.0A, 600W Output
October 31, 2013
©2012 General Electric Company. All rights reserved.
Page 3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
(VIN=VIN,nom, IO=25.0A, TA =25°C)
All
VO, set
11.95
12.00
12.05
Vdc
Output Voltage
(Over all operating input voltage (52V to 60V), resistive load,
and temperature conditions until end of life)
All
VO
11.70
12.30
Vdc
Output Regulation
Line (VIN= VIN, min to VIN, max)
All
0.2
% VO, set
Load (IO=IO, min to IO, max)
All
0.2
% VO, set
Temperature (TA = -20ºC to +85ºC)
All
2
% VO, set
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max)
RMS (5Hz to 20MHz bandwidth)
All
70
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth) 750uF
All
150
mVpk-pk
External Output Capacitance
All
CO, max
0
4,500
μF
Output Current
All
IO
0
50
Adc
Output Current Limit Inception
All
IO,lim
55
65
Adc
Output Power
All
PO
0
600
W
Efficiency
VIN=VIN, nom, TA=25°C
IO=100% IO, max, VO= VO,set
All
η
97.1
%
IO=50% IO, max to 100% IO, max , VO= VO,set
All
η
96.5
%
Switching Frequency (Primary FETs)
fsw
150
kHz
Dynamic Load Response
dIO/dt=1A/10s; Vin=Vin,nom; TA=25°C;
(Tested with a 1.0μF ceramic,, and 750μF capacitor and
across the load.)
Load Change from IO = 50% to 75% of IO,max:
Peak Deviation
Settling Time (VO <10% peak deviation)
All
Vpk
ts
__
350
700
__
mVpk
s
Load Change from IO = 75% to 50% of IO,max:
Peak Deviation
Settling Time (VO <10% peak deviation)
All
Vpk
ts
__
350
700
__
mVpk
s
Isolation Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
Ciso
0.01
F
Isolation Resistance
Riso
10
MΩ
General Specifications
Parameter
Symbol
Device
Typ
Unit
Calculated Reliability Based upon Telcordia SR-332 Issue
2: Method
I, Case 3, (IO=80%IO, max, TA=40°C, Airflow = 200
LFM), 90% confidence
MTBF
All
2,615,767
Hours
FIT
All
382.3
109/Hours
Weight – with Base plate option
73.6 (2.60)
g (oz.)


Similar Part No. - QBVS050A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVE060A0S10R4 LINEAGEPOWER-QBVE060A0S10R4 Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 60.0A, 625W Output
QBVE060A0S10R441PHZ LINEAGEPOWER-QBVE060A0S10R441PHZ Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 60.0A, 625W Output
QBVE060A0S10R441PZ LINEAGEPOWER-QBVE060A0S10R441PZ Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 60.0A, 625W Output
QBVE060A0S10R461HZ LINEAGEPOWER-QBVE060A0S10R461HZ Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 60.0A, 625W Output
QBVE078A0S10R441HZ LINEAGEPOWER-QBVE078A0S10R441HZ Datasheet
1Mb / 17P
   45-56Vdc Input; 10.4Vdc, 78.0A, 810W Output
More results

Similar Description - QBVS050A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
EUK240S9R041Z LINEAGEPOWER-EUK240S9R041Z Datasheet
632Kb / 13P
   36 - 60Vdc input; 9.6Vdc Output; 240W
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EQD075A1 LINEAGEPOWER-EQD075A1 Datasheet
482Kb / 15P
   18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
logo
DENSEI-LAMBDA
JWS50 LAMBDA-JWS50 Datasheet
349Kb / 5P
   Single output 50W ~ 600W???
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com