Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # SPS
Description  48V DC Outside Plant and Customer Premise Solution
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SPS Datasheet(HTML) 2 Page - Lineage Power Corporation

  SPS Datasheet HTML 1Page - Lineage Power Corporation SPS Datasheet HTML 2Page - Lineage Power Corporation SPS Datasheet HTML 3Page - Lineage Power Corporation SPS Datasheet HTML 4Page - Lineage Power Corporation SPS Datasheet HTML 5Page - Lineage Power Corporation SPS Datasheet HTML 6Page - Lineage Power Corporation SPS Datasheet HTML 7Page - Lineage Power Corporation SPS Datasheet HTML 8Page - Lineage Power Corporation SPS Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Page 2
SPS TE Rectifiers
Applications
Key Features
The SPS TE rectifiers are single phase, hot-pluggable, fan cooled rectifiers that provide highly
reliable DC power. As cost-effective rectifiers that occupy just 1RU, its shallow depth is an ideal
power solution for space critical applications. The constant output power characteristics as well
as the extended temperature range, universal AC input voltage range and compact size are key
attributes that make this rectifier the right choice for your power needs.
These rectifiers are applicable for indoor and outdoor environments especially where equipment
depth and height are restricted. The SPS TE rectifiers communicate digitally to the Pulsar Edge
controller family over a RS485 bus to add extensive monitoring and alarm management facilities.
Its flexible and sophisticated feature set makes this front-end supply an excellent choice for
power in a variety of application spaces.
• Telecommunications networks
• Digital subscriber line (DSL)
• Indoor/outdoor wireless
• Routers/switches
• Fiber in the loop
• Transmission
• Data networks
• PBX
• Extended temperature range
• Redundant fan cooling
• Front panel LED indicators
• 1U height, minimized depth
• Universal AC input
• Analog load sharing
• Hot pluggable
• RoHS compliant
Input
EP0500UTEZ
EP1000UTEZ
EP1600UTEZ
Voltage Range
- Low-Line
- High-Line
90-175Vac (500W)
176-264Vac (500W)
90-175Vac (1000W)
176-264Vac (1000W)
90-175Vac (1200W)
176-264Vac (1600W)
Input Current
6.25-4.5A @ 90-120Vac
2.55A @ 230Vac
12.5-9.3A @ 90-120Vac
5.1A @ 230Vac
15-12A @ 90-120Vac
7.5A @ 230Vac
Input Frequency
45 – 65Hz
45 – 65Hz
45 – 65Hz
Inrush Transient
25 Apk
25 Apk
25 Apk
Power Factor
~1.0
~1.0
~1.0
Efficiency
95%
95%
95%
Total Harmonic Distortion
<5%
<5%
<5%
Holdup Time
>10 ms full power
>10 ms full power
>10 ms full power
Output
Voltage Adjust Range
42-58Vdc
42-58Vdc
42-58Vdc
Voltage Nominal
52.0V
52.0V
52.0V
Rated Output Current
- Low Line
- High Line
10Adc max
10Adc max
20Adc max
20Adc max
24Adc max
32Adc max
Rated Output Power
- Low Line
- High Line
500 Watts
500 Watts
1000 Watts
1000 Watts
1200 Watts
1600 Watts
Psophometric Noise
<5 mV max
<5 mV max
<5 mV max
Ripple
<200 mVpkpk
<200 mVpkpk
<200 mVpkpk
Overvoltage Protection
59.5Vdc
59.5Vdc
59.5Vdc
Control and Monitoring
Visual Status Indicators
Run, Alarm and Fault LEDs
Serial Interface
Half duplex RS485 (GP Protocol)
Slimline Power System Brochure
© 2013 General Electric Company. All rights reserved.
04/13
TEChnICAl SPECIFICATIOnS - RECTIFIERS


Similar Part No. - SPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPS-01T-110 ETC2-SPS-01T-110 Datasheet
232Kb / 8P
   Crimping tools and machines
SPS-01T-110 ETC2-SPS-01T-110 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
JST Mfg. Co., Ltd.
SPS-01T-187 JST-SPS-01T-187 Datasheet
22Kb / 1P
   CONN QC RCPT 20-26AWG 0.187
logo
List of Unclassifed Man...
SPS-01T-187(-8) ETC2-SPS-01T-187(-8) Datasheet
232Kb / 8P
   Crimping tools and machines
SPS-01T-187(-8) ETC2-SPS-01T-187(-8) Datasheet
224Kb / 8P
   APPLICATION TOOLING
More results

Similar Description - SPS

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CPL LINEAGEPOWER-CPL Datasheet
722Kb / 16P
   48V DC Critical Power Solution
logo
SCHOTT CORPORATION
32824 SCHOTT-32824 Datasheet
18Kb / 1P
   TRANSFORMER, ADSL CUSTOMER PREMISE
logo
JDS Uniphase Corporatio...
MDX-02ADCU1AA JDSU-MDX-02ADCU1AA Datasheet
195Kb / 4P
   Outside Plant CWDM Optical Drop Module
MDX-04UXC001A JDSU-MDX-04UXC001A Datasheet
220Kb / 4P
   Outside Plant CWDM Universal Multiplexer Module
logo
SCHOTT CORPORATION
33818 SCHOTT-33818 Datasheet
26Kb / 1P
   TRANSFORMER ADSL CUSTOMER PREMISE
33817 SCHOTT-33817 Datasheet
19Kb / 1P
   TRANSFORMER, ADSL CUSTOMER PREMISE
36539 SCHOTT-36539 Datasheet
18Kb / 1P
   TRANSFORMER, ADSL CUSTOMER PREMISE
37039 SCHOTT-37039 Datasheet
29Kb / 1P
   TRANSFORMER, ADSL, CUSTOMER PREMISE
32828 SCHOTT-32828 Datasheet
20Kb / 1P
   TRANSFORMER, ADSL CUSTOMER PREMISE
35625 SCHOTT-35625 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL CUSTOMER PREMISE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com